Electronic Components Datasheet Search
  English  ▼

X  

TSS521 Datasheet(PDF) 3 Page - Texas Instruments

Part # TSS521
Description  Meter-Bus Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSS521 Datasheet(HTML) 3 Page - Texas Instruments

  TSS521 Datasheet HTML 1Page - Texas Instruments TSS521 Datasheet HTML 2Page - Texas Instruments TSS521 Datasheet HTML 3Page - Texas Instruments TSS521 Datasheet HTML 4Page - Texas Instruments TSS521 Datasheet HTML 5Page - Texas Instruments TSS521 Datasheet HTML 6Page - Texas Instruments TSS521 Datasheet HTML 7Page - Texas Instruments TSS521 Datasheet HTML 8Page - Texas Instruments TSS521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
I
=
SCdisharge
I
SCcharge
40 (typ)
BR
VB
BUSL1
GND
BUSL2
TC3
TX
TXI
SC
I
SCcharge
I
SCdischarge
V
T
I
= Constant
BUS
V
= 20.8 V to 42 V
MARK
V
= V
– 10 V
SPACE
MARK
V
TXI
V
TX
V
I
BUS
BUS
C
SC
to IC
I
BUS
C
= 30 pF typ
BUSL1-BUSL2
V = 25 V, f
= 1 MHz
B
meas
TSS521
www.ti.com
SLAS980 – SEPTEMBER 2013
Functional Description
Data Transmission, Master to Slave
The mark level on the bus lines VBUS = MARK is defined by the difference of BUSL1 and BUSL2 at the slave. It
depends on the distance from Master to Slave, which affects the voltage drop on the wire. To make the receiver
independent, a dynamic reference level on the SC pin is used for the voltage comparator TC3 (see Figure 1).
Figure 1. Data Transmission, Master to Slave
A capacitor (CSC) at the SC pin is charged by a current (ISCcharge) and is discharged with a current (ISCdischarge)
where:
(1)
This ratio is necessary to run any kind of UART protocol independent of the data contents (for example, if an 11-
bit UART protocol is transmitted with all data bits at 0 and only the stop bit at 1). There must be sufficient time to
recharge the capacitor CSC. The input level detector TC3 detects voltage modulations from the master
(VBUS = SPACE or MARK conditions) and switches the inverted output TXI and the noninverted output TX.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com