Electronic Components Datasheet Search
  English  ▼

X  

TSS521 Datasheet(PDF) 7 Page - Texas Instruments

Part # TSS521
Description  Meter-Bus Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSS521 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TSS521 Datasheet HTML 3Page - Texas Instruments TSS521 Datasheet HTML 4Page - Texas Instruments TSS521 Datasheet HTML 5Page - Texas Instruments TSS521 Datasheet HTML 6Page - Texas Instruments TSS521 Datasheet HTML 7Page - Texas Instruments TSS521 Datasheet HTML 8Page - Texas Instruments TSS521 Datasheet HTML 9Page - Texas Instruments TSS521 Datasheet HTML 10Page - Texas Instruments TSS521 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TSS521
www.ti.com
SLAS980 – SEPTEMBER 2013
Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
VMB
Voltage, BUSL1 to BUSL2
±50 V
RX and RXI
–0.3 V to 5.5 V
VI
Input voltage range
BAT
–0.3 V to 5.5 V
TJ
Operating junction temperature range
–25°C to 150°C
TA
Operating free-air temperature range
–25°C to 85°C
TSTG
Storage temperature range
–65°C to 150°C
Power derating factor, junction to ambient
8 mW/°C
Recommended Operating Conditions
See note
(1). Typical values are specified at V
CC = 3.3 V and TA = 25°C (unless otherwise noted)
MIN
MAX
UNIT
Receiver
10.8
42
VMB
Bus voltage, |BUSL2 – BUSL1|
V
Transmitter
12
42
VB (receive mode)
9.3
VI
Input voltage
V
BAT(2)
2.5
3.8
RRIDD
RIDD resistor
13
80
k
Ω
RRIS
RIS resistor
100
Ω
TA
Operating free-air temperature
–25
85
°C
(1)
All voltage values are measured with respect to the GND terminal unless otherwise noted.
(2)
VBAT(max) ≤ VSTC – 1 V
Electrical Characteristics
See note
(1). Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ΔVBR
Voltage drop at rectifier BR
IBUS = 3 mA
1.5
V
Voltage drop at current
ΔVCS1
RRIDD = 13 kΩ
1.8
V
source CS1
RRIDD = 13 kΩ
3
VSTC = 6.5 V,
IBUS
BUS current
mA
IMC = 0 mA
RRIDD = 30 kΩ
1.5
ΔIBUS
BUS current accuracy
ΔVBUS = 10 V, IMC = 0 mA, RRIDD = 13 kΩ to 30 kΩ
2
%
ICC
Supply current
VSTC = 6.5 V, IMC = 0 mA, VBAT = 3.8 V, RRIDD = 13 kΩ
(2)
650
µA
VSTC = 6.5 V, IMC = 0 mA, VBAT = 3.8 V, RRIDD = 13 kΩ,
ICI1
CI1 current
350
µA
VBUS = 6.5 V, RX/RXI = off
(2)
VVDD
VDD voltage
–IVDD = 1 mA, VSTC = 6.5 V
3.1
3.4
V
RVDD
VDD resistance
–IVDD = 2 to 8 mA, VSTC = 4.5 V
5
Ω
VDD = on, VS = on
5.6
6.4
VSTC
STC voltage
VDD = off, VS = off
3.8
4.3
V
IVDD < ISTC_use
6.5
7.5
RRIDD = 30 kΩ
0.65
1.1
ISTC_use
STC current
VSTC = 5 V
mA
RRIDD = 13 kΩ
1.85
2.4
VRIDD
RIDD voltage
RRIDD = 30 kΩ
1.23
1.33
V
VVS
VS voltage
VDD = on, IVS = –5 µA
VSTC – 0.4
VSTC
V
RVS
VS resistance
VDD = off
0.3
1
M
Ω
VVB = VSTC + 0.8 V, IPF = –100 µA
VBAT – 0.6
VBAT
VPF
PF voltage
VSTC = 6.5 V
VVB = VSTC + 0.3 V, IPF = 1 µA
0
0.6
V
VVB = VSTC + 0.3 V, IPF = 5 µA
0
0.9
(1)
All voltage values are measured with respect to the GND terminal unless otherwise noted.
(2)
Inputs RX/RXI and outputs TX/TXI are open, ICC = ICI1 + ICI2
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com