Electronic Components Datasheet Search
  English  ▼

X  

TSS521 Datasheet(PDF) 5 Page - Texas Instruments

Part # TSS521
Description  Meter-Bus Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSS521 Datasheet(HTML) 5 Page - Texas Instruments

  TSS521 Datasheet HTML 1Page - Texas Instruments TSS521 Datasheet HTML 2Page - Texas Instruments TSS521 Datasheet HTML 3Page - Texas Instruments TSS521 Datasheet HTML 4Page - Texas Instruments TSS521 Datasheet HTML 5Page - Texas Instruments TSS521 Datasheet HTML 6Page - Texas Instruments TSS521 Datasheet HTML 7Page - Texas Instruments TSS521 Datasheet HTML 8Page - Texas Instruments TSS521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
916
I
(
BUS
mA)
3
914
910
912
4
5
6
7
V
(V)
STC
8
1
2
R
= 25
RID
V
RIDD
I
STC
= 25
V
RIDD
I
+ I
STC_use
IC1
TSS521
www.ti.com
SLAS980 – SEPTEMBER 2013
Slave Supply, 3.3 V
The TSS521 has an internal 3.3-V voltage regulator. The output power of this voltage regulator is supplied by the
storage capacitor CSTC at the STC pin. The storage capacitor CSTC at the STC pin is charged with constant
current ISTC_use from the current source CS1. The maximum capacitor voltage is limited to REF1. The charge
current ISTC has to be defined by an external resistor at pin RIDD.
The adjustment resistor RRIDD can be calculated using Equation 2.
(2)
Where,
ISTC = current from current source CS1
ISTC_use = charge current for support capacitor
ICI = internal current
VRIDD = voltage on pin RIDD
RRIDD = value of adjustment resistor
The voltage level of the storage capacitor CSTC is monitored with comparator TC1. Once the voltage VSTC
reaches VVDD_on, the switch SVDD connects the stabilized voltage VVDD to pin VDD. VDD is turned off if the
voltage VSTC drops below the VVDD_off level.
Voltage variations on the capacitor CSTC create bus current changes (see Figure 4).
Figure 4. Single Mode Bus Load
At a bus fault the shut down time of VDD (toff) in which data storage can be performed depends on the system
current IVDD and the value of capacitor CSTC. See Figure 5, which shows a correlation between the shutdown of
the bus voltage VBUS and VDD_off and toff for dimensioning the capacitor.
The output VS is meant for slave systems that are driven by the bus energy, as well as from a battery should the
bus line voltage fail. The switching of VS is synchronized with VDD and is controlled by the comparator TC1. An
external transistor at the output VS allows switching from the Meter-Bus remote supply to battery.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com