Electronic Components Datasheet Search
  English  ▼

X  

TSS521 Datasheet(PDF) 4 Page - Texas Instruments

Part # TSS521
Description  Meter-Bus Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSS521 Datasheet(HTML) 4 Page - Texas Instruments

  TSS521 Datasheet HTML 1Page - Texas Instruments TSS521 Datasheet HTML 2Page - Texas Instruments TSS521 Datasheet HTML 3Page - Texas Instruments TSS521 Datasheet HTML 4Page - Texas Instruments TSS521 Datasheet HTML 5Page - Texas Instruments TSS521 Datasheet HTML 6Page - Texas Instruments TSS521 Datasheet HTML 7Page - Texas Instruments TSS521 Datasheet HTML 8Page - Texas Instruments TSS521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
20
I
(mA)
MC
0.1
15
5
10
R
(k )
RIS
W
0
Typical
V
= Voltage on pin RIS
R
= Programming resistor
I
= Programmable current
I
= Modulation current
I
= Modulation supply current (220 µA typ)
RIS
RIS
CS3
MC
MS
R
=
RIS
=
V
RIS
I
CS3
V
RIS
I
– I
MC
MS
0.2
0.5
1
BR
VB
BUSL1
GND
BUSL2
I
CS3
R
RIS
RIS
CS3
TC4
RX
RXI
I
MS
V
= Constant
BUS
I
MC
I
SPACE
I
MARK
V
I
BUS
BUS
V
RXI
V
RX
I
BUS
to IC
I
= I
+ I
MC
MS
CS3
TSS521
SLAS980 – SEPTEMBER 2013
www.ti.com
Data Transmission, Slave to Master
The device uses current modulation to transmit information from the slave to the master while the bus voltage
remains constant. The current source CS3 modulates the bus current and the master detects the modulation.
The constant current source CS3 is controlled by the inverted input RXI or the noninverted input RX. The current
source CS3 can be programmed by an external resistor RRIS. The modulation supply current IMS flows in addition
to the current source CS3 during the modulation time.
Figure 2. Data Transmission, Slave to Master
Because the TSS521 is configured for half-duplex only, the current modulation from RX or RXI is repeated
concurrently as ECHO on the outputs TX and TXI. If the slave, as well as the master, is trying to send
information on the lines, the added signals appear on the outputs TX and TXI, which indicates the data collision
to the slave (see ).
The bus topology requires a constant current consumption by each connected slave.
To calculate the value of the programming resistor RRIS, use the formula shown in Figure 3.
Figure 3. Calculate Programming Resistor RRIS
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com