Electronic Components Datasheet Search
  English  ▼

X  

TSS521 Datasheet(PDF) 9 Page - Texas Instruments

Part # TSS521
Description  Meter-Bus Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSS521 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TSS521 Datasheet HTML 5Page - Texas Instruments TSS521 Datasheet HTML 6Page - Texas Instruments TSS521 Datasheet HTML 7Page - Texas Instruments TSS521 Datasheet HTML 8Page - Texas Instruments TSS521 Datasheet HTML 9Page - Texas Instruments TSS521 Datasheet HTML 10Page - Texas Instruments TSS521 Datasheet HTML 11Page - Texas Instruments TSS521 Datasheet HTML 12Page - Texas Instruments TSS521 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
BUSL2
BUSL1
VB
PF
VS
VDD
BAT
RX
RXI
TX
TXI
TSS521
Sensor System
(MSP430)
C
SSC
C
SC
R
RIS
R
RIDD
C
VDD
R
load
RL1
220
RL2
220
Meter-Bus
C
= system stabilizing capacitor
C
= support capacitor
C
= sampling capacitor
C
= stabilizing capacitor (100 nF)
C
:C
4:1
SSC
STC
SC
VDD
STC
VDD
≥
R
= slave=current adjustment resistor
R
= modulation-current resistor
RL1,RL2 = protection resistors
R
= discharge resistor (100 k
recommended)
RIDD
RIS
load
W
BAT
+
+
STC
C
+
RL1
220
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
BUSL2
BUSL1
VB
PF
VS
VDD
BAT
RX
RXI
TX
TXI
TSS521
RL2
220
Meter-Bus
C
ST
C
SC
C
STC
R
RIS
R
RIDD
T1
RIS
SC GND RIDD
STC
Remote Supply
R
= 30 k
RIDD
W
C
=< 220 µF
STC
R
= 13 k
RIDD
W
C
=< 470 µF
STC
single load 1UL
double load 2UL
Sensor System
(MSP430)
TSS521
www.ti.com
SLAS980 – SEPTEMBER 2013
APPLICATION INFORMATION
NOTE: Transistor T1 should be a BSS84.
Figure 6. Basic Application Circuit With Support Capacitor CSTC > 50 µF
Figure 7. Basic Application Circuit for Supply From Battery
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com