Electronic Components Datasheet Search
  English  ▼

X  

TSS521 Datasheet(PDF) 1 Page - Texas Instruments

Part # TSS521
Description  Meter-Bus Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSS521 Datasheet(HTML) 1 Page - Texas Instruments

  TSS521 Datasheet HTML 1Page - Texas Instruments TSS521 Datasheet HTML 2Page - Texas Instruments TSS521 Datasheet HTML 3Page - Texas Instruments TSS521 Datasheet HTML 4Page - Texas Instruments TSS521 Datasheet HTML 5Page - Texas Instruments TSS521 Datasheet HTML 6Page - Texas Instruments TSS521 Datasheet HTML 7Page - Texas Instruments TSS521 Datasheet HTML 8Page - Texas Instruments TSS521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
V
3.3 V
VDD
REF1
7 V
ECHO
CS2
TC1
CS1
BR
TC3
TC2
TC4
BAT
CS3
VF
RIDD
STC
VS
VDD
I
STC_use
I
CI1
I
STC
I
VDD
R
VS
I
CS3
VB
PF
BUSL1
TX
GND
RIS
BUSL2
TXI
RX
RXI
SC
REF2
1.3 V
I
MS
I
BUS
I
CI2
TSS521
www.ti.com
SLAS980 – SEPTEMBER 2013
Meter-Bus Transceiver
1
FEATURES
APPLICATIONS
•
Meter-Bus Transceiver (for Slave) Meets
•
E-metering
Standard EN1434-3
•
Advanced Metering Infrastructure (AMI)
•
Receiver Logic With Dynamic Level
•
Water Meters
Recognition
•
Gas Meters
•
Constant-Current Sink Adjustable By Resistor
•
Heat Meters
•
Polarity Independent
•
Power-Fail Function
DESCRIPTION
The TSS521 device is a single-chip transceiver
•
Module Supply Voltage Switch
developed
for
Meter-Bus
standard
(EN1434-3)
•
3.3-V Constant Voltage Source
applications.
•
Up to 9600 Baud in Half Duplex for UART
The TSS521 interface circuit adjusts the different
Protocol
potentials between a slave system and the Meter-Bus
•
Slave Power Support
master. The connection to the bus is polarity
–
Supply From Meter-Bus by Output VDD
independent and supports full galvanic slave isolation
with optocouplers.
–
Supply From Meter-Bus by Output VDD or
From Backup Battery
The circuit is supplied by the master through the bus.
Therefore, this circuit offers no additional load for the
–
Supply From Battery – Meter-Bus Active for
slave battery. A power-fail function is integrated.
Data Transmission Only
The receiver has dynamic level recognition, and the
transmitter has a programmable current sink.
A 3.3-V voltage regulator with power reserve for a
delayed switch off at bus fault is integrated.
Functional Schematic
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TSS521

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSS521 TI1-TSS521 Datasheet
807Kb / 17P
Meter-Bus Transceiver (for Slave) Meets
TSS521D TI1-TSS521D Datasheet
807Kb / 17P
Meter-Bus Transceiver (for Slave) Meets
TSS521DR TI1-TSS521DR Datasheet
807Kb / 17P
Meter-Bus Transceiver (for Slave) Meets
More results

Similar Description - TSS521

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX245F TOSHIBA-TC74LVX245F Datasheet
270Kb / 8P
OCTAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
DIFFERENTIAL BUS TRANSCEIVER
logo
Intel Corporation
M8287 INTEL-M8287 Datasheet
118Kb / 4P
OCTAL BUS TRANSCEIVER
logo
Texas Instruments
SN74AS620 TI-SN74AS620 Datasheet
477Kb / 10P
OCTAL BUS TRANSCEIVER
logo
ON Semiconductor
MC74VHC245 ONSEMI-MC74VHC245 Datasheet
178Kb / 8P
Octal Bus Transceiver
March, 2006 ??Rev. 5
logo
Texas Instruments
TSS721A TI1-TSS721A Datasheet
262Kb / 14P
METER-BUS TRANSCEIVER
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176QDRQ1 TI1-SN65LBC176QDRQ1 Datasheet
741Kb / 14P
DIFFERENTIAL BUS TRANSCEIVER
logo
SHANGHAI BELLING CO., L...
BL15721A BELLING-BL15721A Datasheet
392Kb / 11P
Meter-Bus Transceiver
logo
Texas Instruments
TSS521 TI1-TSS521 Datasheet
807Kb / 17P
Meter-Bus Transceiver (for Slave) Meets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com