Electronic Components Datasheet Search
  English  ▼

X  

TSS521 Datasheet(PDF) 8 Page - Texas Instruments

Part # TSS521
Description  Meter-Bus Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSS521 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TSS521 Datasheet HTML 4Page - Texas Instruments TSS521 Datasheet HTML 5Page - Texas Instruments TSS521 Datasheet HTML 6Page - Texas Instruments TSS521 Datasheet HTML 7Page - Texas Instruments TSS521 Datasheet HTML 8Page - Texas Instruments TSS521 Datasheet HTML 9Page - Texas Instruments TSS521 Datasheet HTML 10Page - Texas Instruments TSS521 Datasheet HTML 11Page - Texas Instruments TSS521 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TSS521
SLAS980 – SEPTEMBER 2013
www.ti.com
Electrical Characteristics (continued)
See note
(1). Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ton
Turn-on time
CSTC = 50 µF, Bus voltage slew rate: 1 V/µs
3
s
Receiver Section Electrical Characteristics
See note
(1). Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MARK
MARK –
VT
See Figure 1
V
– 8.2
5.7
VSC
SC voltage
VVB
V
ISCcharge
SC charge current
VSC = 24 V, VVB = 36 V
–15
–40
µA
–0.033 ×
ISCdischarge
SC discharge current
VSC = VVB = 24 V
0.3
µA
ISCcharge
High-level output voltage
VBAT –
VOH
ITX, ITXI = –100 µA (see Figure 1)
VBAT
V
(TX, TXI)
0.6
ITX, ITXI = 100 µA
0
0.5
Low-level output voltage
VOL
V
(TX, TXI)
ITX = 1.1 mA
0
1.5
ITX
TX, TXI current
VTX = 7.5, VVB = 12 V, VSTC = 6 V, VBAT = 3.8 V
16
µA
ITXI
(1)
All voltage values are measured with respect to the GND terminal unless otherwise noted.
Transmitter Section Electrical Characteristics
See note
(1). Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IMC
MC voltage
RRIS = 100 Ω
11.5
19.5
mA
RRIS = 100 Ω
1.4
1.7
VRIS
RIS voltage
V
RRIS = 1000 Ω
1.5
1.8
VBAT –
VIH
High-level input voltage (RX, RXI)
See Figure 2, see (2)
5.5
V
0.8
VIL
Low-level input voltage (RX, RXI)
See Figure 2
0
0.8
V
IRX
RX current
VRX = 0 V, VBAT = 3 V, VSTC = 6.5 V
-10
-40
µA
IRXI
RXI current
VRXI = VBAT = 3 V, VSTC = 6.5 V
10
40
µA
(1)
All voltage values are measured with respect to the GND terminal unless otherwise noted.
(2)
VIH(max) = 5.5 V is valid only when VSTC ≥ 6.5 V.
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com