Electronic Components Datasheet Search
  English  ▼

X  

QPA4446DEVB Datasheet(PDF) 7 Page - Qorvo, Inc

Part # QPA4446DEVB
Description  37.5 – 42.5 GHz 4 Watt GaN Power Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA4446DEVB Datasheet(HTML) 7 Page - Qorvo, Inc

Back Button QPA4446DEVB Datasheet HTML 3Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 4Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 5Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 6Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 7Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 8Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 9Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 10Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 11Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
QPA4446D
37.5 – 42.5 GHz 4 Watt GaN Power Amplifier
Data Sheet Rev. B, January, 2022 | Subject to change without notice
7 of 31
www.qorvo.com
© 2022 Qorvo US, Inc. All rights reserved. Confidential
Performance Plots – Large Signal
Test conditions, unless otherwise noted: CW, VD = 24 V, IDQ = 70 mA, PIN = 22 dBm, TBASE = +25 ºC (TBASE is backside of 0.02 in CuMo
carrier plate)
0
5
10
15
20
25
30
35
6
8
10
12
14
16
18
20
22
24
26
28
Input Power (dBm)
PAE vs. Input Power vs. Temp.
-40 C
+25 C
+85 C
37.5 GHz
0
5
10
15
20
25
30
35
6
8
10
12
14
16
18
20
22
24
26
28
Input Power (dBm)
PAE vs. Input Power vs. Temp.
-40 C
+25 C
+85 C
39 GHz
0
5
10
15
20
25
30
35
6
8
10
12
14
16
18
20
22
24
26
28
Input Power (dBm)
PAE vs. Input Power vs. Temp.
-40 C
+25 C
+85 C
40 GHz
0
5
10
15
20
25
30
35
6
8
10
12
14
16
18
20
22
24
26
28
Input Power (dBm)
PAE vs. Input Power vs. Temp.
-40 C
+25 C
+85 C
41 GHz
0
5
10
15
20
25
30
35
6
8
10
12
14
16
18
20
22
24
26
28
Input Power (dBm)
PAE vs. Input Power vs. Temp.
-40 C
+25 C
+85 C
42 GHz
0
5
10
15
20
25
30
35
6
8
10
12
14
16
18
20
22
24
26
28
Input Power (dBm)
PAE vs. Input Power vs. Temp.
-40 C
+25 C
+85 C
42.5 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com