Electronic Components Datasheet Search
  English  ▼

X  

QPA4446DEVB Datasheet(PDF) 28 Page - Qorvo, Inc

Part # QPA4446DEVB
Description  37.5 – 42.5 GHz 4 Watt GaN Power Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA4446DEVB Datasheet(HTML) 28 Page - Qorvo, Inc

Back Button QPA4446DEVB Datasheet HTML 23Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 24Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 25Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 26Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 27Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 28Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 29Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 30Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 31Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
QPA4446D
37.5 – 42.5 GHz 4 Watt GaN Power Amplifier
Data Sheet Rev. B, January, 2022 | Subject to change without notice
28 of 31
www.qorvo.com
© 2022 Qorvo US, Inc. All rights reserved. Confidential
.
Combined VD = VD1 + VD2 + VD3, VG = VG12 + VG3
DC can be applied on top, or bottom, or both sides of the dies
Bill of Materials
Reference Des.
Qty
Value
Description
Part Number
C1, C3, C5, C7, C9, C12,
C14, C16, C18, C20
10
10 uF
CAP, 10uF, 20%, 50V, 20%, X5R, 1206
C2, C4, C6, C8, C10, C11,
C13, C15, C17, C19
10
0.01 uF CAP, 0.01uF, ±10%, 50V, X7R, 0402
C21 – C30
10
10 nF
CAP, 10nF, ±15%, 30V, SLC, 0303
R1, R7, R12, R18
4
5.1 Ω
RES, 5.1 Ohm, ±1%, 1/10W, 0402
R2, R4 – R6, R8 – R11,
R13, R15 – R17, R19, R20
14
0 Ω
RES, 0 Ohm, JMPR, 0402
R3, R14
2
0 Ω
RES, 0 Ohm, JMPR, 0603
PCB_MMIC
1
PCB for MMIC, Taconics TSM-S3B 0.005”, 0.5oz
Ni/Pd/Au plating both sides, total thickness 0.009”
Qorvo, Custom
PCB,_Bias
2
PCB for DC Bias
Qorvo, Custom
H1, H2
2
CONN, HDR, Male-vert, 7 PIN, 1 RAW, MTA
TE Connectivity
640456-7 *7 PINS*
J1, J2
2
Connector, RF 2.4mm, F, Pin 0.005, Diel 0.0295
Southwest Microwave
1092-04A-12
CP
1
Carrier Plate, CuMo, 0.9 x 1.15 x 0.02T
Qorvo, Custom
H-Block
1
H-Block, Copper C110, 1.14 x 2.49 x 0.59T
Qorvo, Custom
S1 – S4
12
Screw, Cap, Socket Head, 2-56X1/8”
AuSn
AuSn Solder preform
Epoxy
Epoxy preform
Ablebond
Epoxy, Ablebond 84-1LMI
Solder
Paste, solder, Syntech, Sn63/Pb37
TC
Thermal Compound, Silver 5GR
Artic Silver 5 AS5-5G
Bias-Up Procedure
Bias-Down Procedure
1. Set ID limit to 1.5 A, IG limit to 20 mA
1. Turn off RF signal
2. Set VG to −3.5 V
2. Reduce VG to −3.5 V. Ensure IDQ ~ 0 mA
3. Set VD +24 V. Ensure IDQ ~ 0 mA
3. Set VD to 0 V
4. Adjust VG more positive until ID = 70 mA;
VG ≈ -2.3 V +/- 0.6V typical range
4. Turn off VD supply
5. Apply RF signal
5. Turn off VG supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com