Electronic Components Datasheet Search
  English  ▼

X  

QPA4446DEVB Datasheet(PDF) 12 Page - Qorvo, Inc

Part # QPA4446DEVB
Description  37.5 – 42.5 GHz 4 Watt GaN Power Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA4446DEVB Datasheet(HTML) 12 Page - Qorvo, Inc

Back Button QPA4446DEVB Datasheet HTML 8Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 9Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 10Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 11Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 12Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 13Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 14Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 15Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 16Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
QPA4446D
37.5 – 42.5 GHz 4 Watt GaN Power Amplifier
Data Sheet Rev. B, January, 2022 | Subject to change without notice
12 of 31
www.qorvo.com
© 2022 Qorvo US, Inc. All rights reserved. Confidential
Performance Plots – Large Signal
Test conditions, unless otherwise noted: CW, VD = 24 V, IDQ = 70 mA, PIN = 22 dBm, TBASE = +25 ºC (TBASE is backside of 0.02 in CuMo
carrier plate)
16
18
20
22
24
26
28
30
32
34
36
38
40
6
8
10
12
14
16
18
20
22
24
26
28
Input Power (dBm)
Output Power vs. Input Power vs. IDQ
70 mA
140 mA
280 mA
37.5 GHz
16
18
20
22
24
26
28
30
32
34
36
38
40
6
8
10
12
14
16
18
20
22
24
26
28
Input Power (dBm)
Output Power vs. Input Power vs. IDQ
70 mA
140 mA
280 mA
39 GHz
16
18
20
22
24
26
28
30
32
34
36
38
40
6
8
10
12
14
16
18
20
22
24
26
28
Input Power (dBm)
Output Power vs. Input Power vs. IDQ
70 mA
140 mA
280 mA
40 GHz
16
18
20
22
24
26
28
30
32
34
36
38
40
6
8
10
12
14
16
18
20
22
24
26
28
Input Power (dBm)
Output Power vs. Input Power vs. IDQ
70 mA
140 mA
280 mA
41 GHz
16
18
20
22
24
26
28
30
32
34
36
38
40
6
8
10
12
14
16
18
20
22
24
26
28
Input Power (dBm)
Output Power vs. Input Power vs. IDQ
70 mA
140 mA
280 mA
42 GHz
16
18
20
22
24
26
28
30
32
34
36
38
40
6
8
10
12
14
16
18
20
22
24
26
28
Input Power (dBm)
Output Power vs. Input Power vs. IDQ
70 mA
140 mA
280 mA
42.5 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com