Electronic Components Datasheet Search
  English  ▼

X  

QPA4446DEVB Datasheet(PDF) 1 Page - Qorvo, Inc

Part # QPA4446DEVB
Description  37.5 – 42.5 GHz 4 Watt GaN Power Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA4446DEVB Datasheet(HTML) 1 Page - Qorvo, Inc

  QPA4446DEVB Datasheet HTML 1Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 2Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 3Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 4Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 5Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 6Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 7Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 8Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
QPA4446D
37.5
– 42.5 GHz 4 Watt GaN Power Amplifier
Data Sheet Rev. B, January, 2022 | Subject to change without notice
1 of 31
www.qorvo.com
© 2022 Qorvo US, Inc. All rights reserved. Confidential
Functional Block Diagram
Product Overview
Qorvo's QPA4446D is a high power MMIC amplifier
fabricated on Qorvo's production 0.15 um GaN on SiC
process (QGaN15). It is targeted to the 37.5 - 42.5 GHz
Satcom Q-V band. QPA4446D achieves 2 W linear power
with 25 dBc third order intermodulation distortion products,
and 18 dB small signal gain. It provides 4 W of saturated
output power while achieving 25% power-added efficiency.
To simplify system integration, the QPA4446D is fully
matched to 50 ohms with integrated DC blocking caps on
both I/O ports. Its RF input port is DC coupled to ground
for optimum ESD performance.
The QPA4446D is ideal for supporting communications and
radar applications in both commercial and military markets.
The QPA4446D is 100% DC and RF tested on-wafer to
ensure compliance to electrical specifications.
Lead-free and RoHS compliant
Ordering Information
Part No.
Description
QPA4446D
4 Watt GaN PA
QPA4446DEVB Evaluation Board for QPA4446D
Applications
• Satellite Communications
Key Features
• Frequency Range: 37.5  – 42.5 GHz
• PSAT (PIN = 22 dBm): 36 dBm
• PAE (PIN = 22 dBm): 25 %
• IM3 (POUT/Tone = 30 dBm): -25 dBc
• Small Signal Gain: 18 dB
• Bias: VD = 24 V, IDQ = 70 mA, VG = -2.3 V typ. range
• Die Dimensions: 3.26 x 1.49 x 0.05 mm
Performance is typical across frequency. Please
reference electrical specification table and data plots for
more details.
V
G12 VD1
V
D2
V
G3
V
D3
2
3
4
5
6
RF
IN
1
RF
OUT
7
12
11
10
9
8
V
G12 VD1
V
D2
V
G3
V
D3


Similar Part No. - QPA4446DEVB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA4425 QORVO-QPA4425 Datasheet
2Mb / 15P
75 25dB CATV Amplifier 47 ??1218MHz
QPA4425EVB-01 QORVO-QPA4425EVB-01 Datasheet
2Mb / 15P
75 25dB CATV Amplifier 47 ??1218MHz
QPA4425SB QORVO-QPA4425SB Datasheet
2Mb / 15P
75 25dB CATV Amplifier 47 ??1218MHz
QPA4425SR QORVO-QPA4425SR Datasheet
2Mb / 15P
75 25dB CATV Amplifier 47 ??1218MHz
QPA4425TR13 QORVO-QPA4425TR13 Datasheet
2Mb / 15P
75 25dB CATV Amplifier 47 ??1218MHz
More results

Similar Description - QPA4446DEVB

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC999 HITTITE-HMC999 Datasheet
660Kb / 10P
GaN MMIC 10 WATT POWER AMPLIFIER, 0.01 - 10 GHz
logo
TriQuint Semiconductor
QPA1001 TRIQUINT-QPA1001 Datasheet
1Mb / 15P
3.1 ??3.5 GHz 60 Watt GaN Power Amplifier
logo
Qorvo, Inc
QPA2229D QORVO-QPA2229D Datasheet
1Mb / 24P
34 ??36 GHz 13 Watt GaN Power Amplifier
QPA2226D QORVO-QPA2226D Datasheet
1Mb / 24P
34 ??36 GHz 20 Watt GaN Power Amplifier
QPA2211D QORVO-QPA2211D Datasheet
616Kb / 22P
27.5 ??31 GHz 14 Watt GaN Power Amplifier
QPA2210D QORVO-QPA2210D Datasheet
615Kb / 22P
27 ??31 GHz 7 Watt GaN Power Amplifier
QPA1006D QORVO-QPA1006D Datasheet
536Kb / 17P
10.7 ??12.7 GHz 35 Watt GaN Amplifier
QPA1001 QORVO-QPA1001 Datasheet
741Kb / 17P
3.1 ??3.5 GHz 60 Watt GaN Power Amplifier
TGA2307-SM QORVO-TGA2307-SM Datasheet
601Kb / 16P
4.5-6.5 GHz 50 Watt GaN Power Amplifier
QPA2212D QORVO-QPA2212D Datasheet
628Kb / 22P
27.5 ??31 GHz 25 Watt GaN Power Amplifier
April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com