Electronic Components Datasheet Search
  English  ▼

X  

QPA4446DEVB Datasheet(PDF) 29 Page - Qorvo, Inc

Part # QPA4446DEVB
Description  37.5 – 42.5 GHz 4 Watt GaN Power Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA4446DEVB Datasheet(HTML) 29 Page - Qorvo, Inc

Back Button QPA4446DEVB Datasheet HTML 23Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 24Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 25Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 26Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 27Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 28Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 29Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 30Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 31Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
QPA4446D
37.5 – 42.5 GHz 4 Watt GaN Power Amplifier
Data Sheet Rev. B, January, 2022 | Subject to change without notice
29 of 31
www.qorvo.com
© 2022 Qorvo US, Inc. All rights reserved. Confidential
1. External bypassing required; refer to page 26 for recommendation
Bond Pad Description
Pad No.
Symbol
Pad Size (mm)
Description
1
RFIN
0.13 x 0.16
RF Input. Matched to 50 Ω, DC blocked, DC shorted to ground
2, 12
VG12
0.09 x 0.09
Gate voltage for stage 1 and 2 (1)
3, 11
VD1
0.15 x 0.09
Drain voltage for stage 1 (1)
4, 10
VD2
0.15 x 0.09
Drain voltage for stage 2 (1)
5, 9
VG3
0.09 x 0.09
Gate voltage for stage 3 (1)
6, 8
VD3
0.15 x 0.09
Drain voltage for stage 3 (1)
7
RFOUT
0.13 x 0.16
RF Output. Matched to 50 Ω, DC blocked
Mechanical Information
Dimensions: mm; Thickness: 0.05 mm; Die x, y size tolerance: ± 0.050; Ground is backside of die



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com