Electronic Components Datasheet Search
  English  ▼

X  

QPA4446DEVB Datasheet(PDF) 2 Page - Qorvo, Inc

Part # QPA4446DEVB
Description  37.5 – 42.5 GHz 4 Watt GaN Power Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA4446DEVB Datasheet(HTML) 2 Page - Qorvo, Inc

  QPA4446DEVB Datasheet HTML 1Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 2Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 3Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 4Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 5Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 6Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 7Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 8Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
QPA4446D
37.5 – 42.5 GHz 4 Watt GaN Power Amplifier
Data Sheet Rev. B, January, 2022 | Subject to change without notice
2 of 31
www.qorvo.com
© 2022 Qorvo US, Inc. All rights reserved. Confidential
Recommended Operating Conditions
Parameter
Min
Typ. Max Units
Drain Voltage (VD)
20
24
24
V
Drain Current, Quiescent (ID)
70
70
mA
Drain Current, RF (ID_Drive)
See plot page
4,5,8,11,14
mA
Gate Voltage Typical Range (VG)
−1.7 to -2.9
V
Gate Current, RF (IG_Drive)
See plot page 4,5 mA
Input Power @ Saturation, (PIN)(1)
TBASE -40 °C : 22
dBm
TBASE +25 °C: 22
TBASE +85 °C: 25
Operating Temp. Range (TBASE)(2) −40
+85
ºC
1. See plots page 6
2. TBASE is back side of 0.02” CuMo carrier plate with AuSn
solder
Electrical specifications are measured at specified test
conditions.
Specifications are not guaranteed over all
recommended operating conditions.
Absolute Maximum Ratings
Parameter
Value / Rang
e
Drain Voltage (VD)
29.5 V
Gate Voltage Range (VG)
-4 V to 0 V
Drain Current (ID1), TBASE = 85 °C max
345 mA
Drain Current (ID2), TBASE = 85 °C max
900 mA
Drain Current (ID3), TBASE = 85 °C max
3450 mA
Drain Current Total (ID), TBASE = 85 °C max
4695 mA
Gate Current (IG)
See p. 25
Power Dissipation (PDISS), TBASE = 85 °C
18 W
Input Power (PIN), 50 Ω, CW, VD = 24 V, ID
= 140 mA, TBASE = 85 °C
31 dBm
Input Power (PIN), 3:1 VSWR, CW, VD = 24
V, ID = 140 mA, TBASE = 85 °C
31 dBm
Mounting Temperature (30 seconds)
320 ºC
Storage Temperature
-55 to +150 ºC
Operation of this device outside the parameter ranges given
above may cause permanent damage. These are stress ratings
only, and functional operation of the device at these conditions
is not implied.
Electrical Specifications
Parameter
Conditions (1) (2)
Min
Typ.
Max
Units
Operational Frequency Range
37.5
42.5
GHz
Output Power at Saturation, PSAT
PIN = 22 dBm
36
dBm
Power Added Efficiency, PAE
PIN = 22 dBm
25
%
3RD Intermodulation Products, IM3
POUT/Tone = 30 dBm
Δ
F = 100 MHz
-25
dBc
5RD Intermodulation Products, IM5
-30
Small Signal Gain, S21
PIN = -30 dBm
18
dB
Input Return Loss, IRL
10
Output Return Loss, ORL
7
PSAT Temperature Coefficient
TDIFF = 25 ºC to 85 ºC; PIN = 22 dBm
-0.05
dBm/ºC
S21 Temperature Coefficient
TDIFF = 25 ºC to 85 ºC
-0.10
dB/ºC
Notes:
1.
Test conditions unless otherwise noted: CW, VD = 24 V, ID = 70 mA, VG = -2.3 V +/- 0.6V typical, TBASE = 25ºC, Z0 = 50 Ω
2.
TBASE is back side of 0.02 in CuMo carrier plate with AuSn die attached



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com