Electronic Components Datasheet Search
  English  ▼

X  

QPA4446DEVB Datasheet(PDF) 24 Page - Qorvo, Inc

Part # QPA4446DEVB
Description  37.5 – 42.5 GHz 4 Watt GaN Power Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA4446DEVB Datasheet(HTML) 24 Page - Qorvo, Inc

Back Button QPA4446DEVB Datasheet HTML 20Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 21Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 22Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 23Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 24Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 25Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 26Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 27Page - Qorvo, Inc QPA4446DEVB Datasheet HTML 28Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
QPA4446D
37.5 – 42.5 GHz 4 Watt GaN Power Amplifier
Data Sheet Rev. B, January, 2022 | Subject to change without notice
24 of 31
www.qorvo.com
© 2022 Qorvo US, Inc. All rights reserved. Confidential
Thermal and Reliability Information
Parameter
Test Conditions
Value
Units
Thermal Resistance, θJC (1)
Quiescent, no RF
TBASE = 85 °C, VD = 24 V, IDQ = 70 mA, PDISS = 1.68 W
5.20
ºC/W
Channel Temperature, TCH (2)
94
°C
Thermal Resistance, θJC (1)
PIN = 22 dBm, TBASE = 85 °C, CW, VD = 24 V, IDQ = 70 mA, Freq = 40.5
GHz, ID_DRIVE = 665 mA, POUT = 34.5 dBm, PDISS = 13.3 W
5.85
ºC/W
Channel Temperature, TCH (2)
163
°C
Thermal Resistance, θJC (1)
PIN = 25 dBm, TBASE = 85 °C, CW, VD = 24 V, IDQ = 70 mA, Freq = 40.5
GHz, ID_DRIVE = 785 mA, POUT = 35.5 dBm, PDISS = 15.6 W
5.98
ºC/W
Channel Temperature, TCH (2)
178
°C
Notes:
1.
Thermal resistance determined to TBASE (TBASE is backside of 0.02 in carrier plate CuMo with AuSn die attached)
2.
Channel temperature indicated is an IR scan equivalent temperature. Thermal resistance is calculated using this value.
Additional information can be found in the Qorvo Applications Note “GaN Device TCHMAX Theta-JC and Reliability
Estimates,” located here https://www.qorvo.com/products/d/da006480
Dissipated Power
Test conditions, unless otherwise noted: CW, VD = 24 V, IDQ = 70 mA, TBASE = 85 ºC
TBASE is back side of 0.02 in CuMo carrier plate with AuSn die attached
0
2
4
6
8
10
12
14
16
18
36
37
38
39
40
41
42
43
Frequency (GHz)
Dissipated Power vs. Freq. vs. VD
20 V
22 V
24 V
P
IN = 22 dBm
T
BASE = 85
0C
0
2
4
6
8
10
12
14
16
18
36
37
38
39
40
41
42
43
Frequency (GHz)
Dissipated Power vs. Freq. vs. VD
20 V
22 V
24 V
P
IN = 25 dBm
T
BASE = 85
0C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com