Electronic Components Datasheet Search
  English  ▼

X  

INA148 Datasheet(PDF) 17 Page - Texas Instruments

Part # INA148
Description  INA148-Q1 ±200-V Common-Mode Voltage Difference Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA148 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA148 Datasheet HTML 13Page - Texas Instruments INA148 Datasheet HTML 14Page - Texas Instruments INA148 Datasheet HTML 15Page - Texas Instruments INA148 Datasheet HTML 16Page - Texas Instruments INA148 Datasheet HTML 17Page - Texas Instruments INA148 Datasheet HTML 18Page - Texas Instruments INA148 Datasheet HTML 19Page - Texas Instruments INA148 Datasheet HTML 20Page - Texas Instruments INA148 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
1 MW
50 kW
52.6316 kW
50 kW
2.7778 kW
1 MW
7
3
2
6
4
1
A1
INA148
–15 V
V
O
+15 V
C
1
4.7 µF
250 V
(1)
C
2
4.7 µF
250 V
(1)
V
CM = 200 Vpk
V
+IN
V
–IN
V = (V
– V
)
O
+IN
–IN
Copyright © 2016, Texas Instruments Incorporated
17
INA148-Q1
www.ti.com
SBOS472B – MARCH 2009 – REVISED JUNE 2016
Product Folder Links: INA148-Q1
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
8.2.3.1 Design Requirements
For this design example, use the parameters listed in Table 3 as the input parameters.
Table 3. Design Parameters
PARAMETER
EXAMPLE VALUE
Common-mode voltage
–23 V to 56 V
Load current
Bidirectional
Reference voltage (LM4041-N-Q1)
1.235 V ± 0.1%
Supply voltage (INA148-Q1)
5 V
8.2.3.2 Detailed Design Procedure
For applications that have –23-V to 56-V common-mode voltage and a single 5-V supply, the common-mode
rejection ratio is in the order of 80 dB. The INA148-Q1 is not a rail-to-rail output. An external reference voltage is
necessary for bidirectional measurment or low differential output. The external resistor is necessary to provide a
100-µA supply to LM4041-N-Q1.
8.2.4 AC-Coupled Difference Amplifier
(1)
Metallized polypropylene, ±5% tolerance
Figure 29. AC-Coupled Difference Amplifier Circuit Diagram
8.2.4.1 Design Requirements
For this design example, use the parameters listed in Table 4 as the input parameters.
Table 4. Design Parameters
PARAMETER
EXAMPLE VALUE
Decoupling capacitors
4.7 µF, 250 V ± 5%
Differential input voltage range
–14 V to 14 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com