Electronic Components Datasheet Search
  English  ▼

X  

INA148 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA148
Description  INA148-Q1 ±200-V Common-Mode Voltage Difference Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA148 Datasheet(HTML) 1 Page - Texas Instruments

  INA148 Datasheet HTML 1Page - Texas Instruments INA148 Datasheet HTML 2Page - Texas Instruments INA148 Datasheet HTML 3Page - Texas Instruments INA148 Datasheet HTML 4Page - Texas Instruments INA148 Datasheet HTML 5Page - Texas Instruments INA148 Datasheet HTML 6Page - Texas Instruments INA148 Datasheet HTML 7Page - Texas Instruments INA148 Datasheet HTML 8Page - Texas Instruments INA148 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Output Voltage (V)
-20
-15
-10
-5
0
5
10
15
20
-250
-200
-150
-100
-50
0
50
100
150
200
250
D001
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
INA148-Q1
SBOS472B – MARCH 2009 – REVISED JUNE 2016
INA148-Q1 ±200-V Common-Mode Voltage Difference Amplifier
1
1 Features
1
•
Qualified for Automotive Applications
•
AEC-Q100 Qualified With the Following Results:
–
Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
–
Device HBM ESD Classification Level 1C
–
Device CDM ESD Classification Level C6
–
Device MM ESD Classification Level M2
•
High Common-Mode Voltage
–
75 V at VS = 5 V
–
±200 V at VS = ±15 V
•
Fixed Differential Gain = 1 V/V
•
Low Quiescent Current: 260 µA
•
Wide Supply Range
–
Single Supply: 2.7 V to 36 V
–
Dual Supplies: ±1.35 V to ±18 V
•
Low Gain Error: 0.075% (Maximum)
•
Low Nonlinearity: 0.002% (Maximum)
•
High CMR: 86 dB
•
Surface-Mount 8-pin SOIC Package
2 Applications
•
HEV/EV and Powertrain
•
HEV Battery Management
•
Automotive Instrumentation
•
Current-Shunt Measurements
•
Differential Sensor Amplifiers
•
Line Receivers
•
Battery-Powered Systems
•
Stacked-Cell Monitors
3 Description
The INA148-Q1 is a precision, low-power, unity-gain
difference amplifier with a high common-mode input
voltage range. The device consists of a monolithic,
precision, bipolar operational amplifier with a thin-film
resistor network.
The on-chip resistors are laser trimmed for an
accurate 1-V/V differential gain and high common-
mode rejection. Excellent temperature tracking of the
resistor network maintains high gain accuracy and
common-mode
rejection
over
temperature.
The
INA148-Q1 operates on single or dual supplies.
These features make the INA148-Q1 suitable for
HEV/EV and Powertrain applications, specifically in
battery management systems.
The INA148-Q1 is available in an 8-pin SOIC,
surface-mount package, and is specified for operation
over the temperature range of –40°C to 125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA148-Q1
SOIC (8)
3.91 mm × 4.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
.
Input Common-Mode Voltage vs Output Voltage


Similar Part No. - INA148

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA148 BURR-BROWN-INA148 Datasheet
123Kb / 12P
짹200V Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA148 TI1-INA148 Datasheet
326Kb / 16P
200V Common-Mode Voltage DIFFERENCE AMPLIFIER
INA148 TI2-INA148 Datasheet
258Kb / 18P
±200V Common-Mode Voltage DIFFERENCE AMPLIFIER
23-May-2025
INA148-Q1 TI1-INA148-Q1 Datasheet
2Mb / 20P
짹200-V COMMON-MODE VOLTAGE DIFFERENCE AMPLIFIER
INA148-Q1 TI2-INA148-Q1 Datasheet
258Kb / 18P
±200V Common-Mode Voltage DIFFERENCE AMPLIFIER
23-May-2025
More results

Similar Description - INA148

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD629 AD-AD629 Datasheet
302Kb / 12P
High Common-Mode Voltage Difference Amplifier
REV.A
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
High Common-Mode Voltage DIFFERENCE AMPLIFIER
INA148 BURR-BROWN-INA148 Datasheet
123Kb / 12P
짹200V Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629_07 Datasheet
540Kb / 16P
High Common-Mode Voltage, Difference Amplifier
3/07-Rev. A to Rev. B
logo
Texas Instruments
INA149 TI-INA149 Datasheet
1Mb / 24P
High Common-Mode Voltage Difference Amplifier
INA148-Q1 TI1-INA148-Q1 Datasheet
2Mb / 20P
짹200-V COMMON-MODE VOLTAGE DIFFERENCE AMPLIFIER
INA117KUG4 TI1-INA117KUG4 Datasheet
312Kb / 17P
High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629_15 Datasheet
410Kb / 16P
High Common-Mode Voltage, Difference Amplifier
REV. C
logo
Linear Technology
LT6375 LINER-LT6375 Datasheet
1Mb / 32P
270V Common Mode Voltage Difference Amplifier
logo
Analog Devices
LT6376 AD-LT6376 Datasheet
613Kb / 30P
Common Mode Voltage Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com