Electronic Components Datasheet Search
  English  ▼

X  

INA148 Datasheet(PDF) 11 Page - Texas Instruments

Part # INA148
Description  INA148-Q1 ±200-V Common-Mode Voltage Difference Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA148 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA148 Datasheet HTML 7Page - Texas Instruments INA148 Datasheet HTML 8Page - Texas Instruments INA148 Datasheet HTML 9Page - Texas Instruments INA148 Datasheet HTML 10Page - Texas Instruments INA148 Datasheet HTML 11Page - Texas Instruments INA148 Datasheet HTML 12Page - Texas Instruments INA148 Datasheet HTML 13Page - Texas Instruments INA148 Datasheet HTML 14Page - Texas Instruments INA148 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
1 MW
50 kW
52.6316 kW
50 kW
10 kW
10 kW
+15 V
–15 V
10 W
2.7778 kW
1 MW
190 W
7
3
2
6
4
1
A1
INA148
–V
S
V
O
+V
S
±15-mV Offset Trim Range, RTI
V
REF
V
+IN
V
–IN
V = (V
– V
)
O
+IN
–IN
Copyright © 2016, Texas Instruments Incorporated
11
INA148-Q1
www.ti.com
SBOS472B – MARCH 2009 – REVISED JUNE 2016
Product Folder Links: INA148-Q1
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.3 Common-Mode Range
The 20:1 input resistor ratio of the INA148-Q1 provides an input common-mode range that extends well beyond
its power supply rails.
The exact input voltage range depends on the amplifier's power-supply voltage and the voltage applied to the
REF pin. See Typical Applications for typical input voltage ranges at different power supply voltages.
7.3.4 Offset Trim
The INA148-Q1 is laser-trimmed for low offset voltage and drift. Most applications require no external offset
adjustment.
Because a voltage applied to the reference (REF) pin is summed directly into the amplifier's output signal, this
technique can be used to null the amplifier's input offset voltage. Figure 21 shows an optional circuit for trimming
the offset voltage.
Figure 21. Optional Offset Trim Circuit
To maintain high common-mode rejection (CMR), the source impedance of any signal applied to the REF pin
must be very low (
≤5 Ω).
A source impedance of only 10
Ω at the REF pin reduces the INA148-Q1's CMR to approximately 74 dB. High
CMR can be restored if a resistor is added in series with the amplifier's positive input pin. This resistor must be
19 times the source impedance that drives the REF pin. For example, if there is a source impedance of 10
Ω to
the REF pin, a 190-
Ω resistor must be added in series with the +IN pin.
Preferably, the offset trim voltage applied to the REF pin must be buffered with an amplifier such as an OPA171-
Q1 (see Figure 22). In this case, the op amp output impedance is low enough that no external resistor is needed
to maintain the INA148-Q1's excellent CMR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com