Electronic Components Datasheet Search
  English  ▼

X  

INA148 Datasheet(PDF) 8 Page - Texas Instruments

Part # INA148
Description  INA148-Q1 ±200-V Common-Mode Voltage Difference Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA148 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA148 Datasheet HTML 4Page - Texas Instruments INA148 Datasheet HTML 5Page - Texas Instruments INA148 Datasheet HTML 6Page - Texas Instruments INA148 Datasheet HTML 7Page - Texas Instruments INA148 Datasheet HTML 8Page - Texas Instruments INA148 Datasheet HTML 9Page - Texas Instruments INA148 Datasheet HTML 10Page - Texas Instruments INA148 Datasheet HTML 11Page - Texas Instruments INA148 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
40
30
20
10
0
Gain Drift (ppm/°C)
V = ±2.5 V
S
40
30
20
10
0
Gain Drift (ppm/°C)
V = ±15 V
S
20
15
10
5
0
Offset Voltage Drift, RTI (µV/°C)
V
S =
15 V
±
Offset Voltage Drift, RTI (µV/°C)
V
S =
2.5 V
±
20
15
10
5
0
24
18
12
6
0
Offset Voltage, RTI (mV)
V = ±15 V
S
24
20
16
12
8
4
0
Offset Voltage, RTI (mV)
V = 2.5 V
S
±
8
INA148-Q1
SBOS472B – MARCH 2009 – REVISED JUNE 2016
www.ti.com
Product Folder Links: INA148-Q1
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
VS = ±15 V, RL = 10 kΩ to common, VREF = 0 V, TA = 25°C (unless otherwise noted)
Figure 13. Offset Voltage Production Distribution
Figure 14. Offset Voltage Production Distribution
Figure 15. Offset Voltage Drift Production Distribution
Figure 16. Offset Voltage Drift Production Distribution
Figure 17. Gain Drift Production Distribution
Figure 18. Gain Drift Production Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com