Electronic Components Datasheet Search
  English  ▼

X  

INA148 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA148
Description  INA148-Q1 ±200-V Common-Mode Voltage Difference Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA148 Datasheet(HTML) 5 Page - Texas Instruments

  INA148 Datasheet HTML 1Page - Texas Instruments INA148 Datasheet HTML 2Page - Texas Instruments INA148 Datasheet HTML 3Page - Texas Instruments INA148 Datasheet HTML 4Page - Texas Instruments INA148 Datasheet HTML 5Page - Texas Instruments INA148 Datasheet HTML 6Page - Texas Instruments INA148 Datasheet HTML 7Page - Texas Instruments INA148 Datasheet HTML 8Page - Texas Instruments INA148 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
INA148-Q1
www.ti.com
SBOS472B – MARCH 2009 – REVISED JUNE 2016
Product Folder Links: INA148-Q1
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Electrical Characteristics Dual Supply (continued)
VS = ±5 V to ±15 V (dual supply), RL = 10 kΩ to ground, VREF = 0 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Output voltage
RL = 100 kΩ
V– + 0.25
V+ – 1
V
RL = 10 kΩ
V– + 0.5
V+ – 1.5
IO
Output current
Short-circuit current, continuous to common
±13
mA
CL
Load capacitance
Stable operation
10
nF
IS
Supply current
VIN = 0, IO = 0
±260
±300
μA
(1)
Overall difference amplifier configuration. Referred to input pins (V+IN and V–IN ), gain = 1 V/V.
(2)
Includes effects of amplifier's input bias and offset currents.
(3)
Includes effects of input current noise and thermal noise contribution of resistor network.
6.6 Electrical Characteristics Single Supply
VS = 5 V (single supply), RL = 10 kΩ to VS / 2, VREF = VS / 2, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOS
Input offset voltage(1)(2)
VCM = VS / 2
±1
±5
mV
ΔVOS/ΔT Input offset voltage drift
(1)
TA = –40°C to 125°C
±10
μV/°C
PSRR
Power supply ripple rejection(1)
VS = 2.7 V to 36 V, VCM = VS / 2
±50
±400
μV/V
VCM
Common-mode voltage range
V+IN – V–IN = 0
VREF = 0.25 V
–4
75
V
VREF = VS / 2
–47.5
32.5
CMRR
Common-mode rejection ratio
VCM = –47.5 V to 32.5 V, RS = 0 Ω
70
86
dB
Differential input impedance
2
M
Ω
Common-mode input impedance
1
M
Ω
Vn
Voltage noise(1)(3)
f = 0.1 Hz to 10 Hz
17
μVp-p
Voltage noise density(1)(3)
f = 1 kHz
880
nV/
√Hz
Initial gain(1)
1
V/V
Gain error
VO = 0.5 V to 3.5 V
±0.01%
±0.075%
Gain error over temperature
±3
±10
ppm/°C
Gain nonlinearity
VO = 0.5 V to 3.5 V
±0.001
%FSR
Small-signal bandwidth
100
kHz
SR
Slew rate
1
V/
μs
ts
Settling time
VS = 5 V, 3-V step
0.1%
21
μs
0.01%
25
Overload recovery
50% input overload
13
μs
VO
Output voltage
RL = 100 kΩ
V– + 0.25
V+ – 1
V
RL = 10 kΩ
V– + 0.5
V+ – 1.5
IO
Output current
Short-circuit current, continuous to common
±8
mA
CL
Load capacitance
Stable operation
10
nF
IQ
Quiescent current
VIN = 0, IO = 0
260
300
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com