Electronic Components Datasheet Search
  English  ▼

X  

INA148 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA148
Description  INA148-Q1 ±200-V Common-Mode Voltage Difference Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA148 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA148 Datasheet HTML 6Page - Texas Instruments INA148 Datasheet HTML 7Page - Texas Instruments INA148 Datasheet HTML 8Page - Texas Instruments INA148 Datasheet HTML 9Page - Texas Instruments INA148 Datasheet HTML 10Page - Texas Instruments INA148 Datasheet HTML 11Page - Texas Instruments INA148 Datasheet HTML 12Page - Texas Instruments INA148 Datasheet HTML 13Page - Texas Instruments INA148 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
1 MW
50 kW
52.6316 kW
50 kW
2.7778 kW
1 MW
V
+IN
7
3
2
6
4
1
A1
INA148-Q1
–V
S
V
O
V
–IN
0.1 µF
+V
S
0.1 µF
V = (V
– V
)
O
+IN
–IN
Copyright © 2016, Texas Instruments Incorporated
10
INA148-Q1
SBOS472B – MARCH 2009 – REVISED JUNE 2016
www.ti.com
Product Folder Links: INA148-Q1
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The INA148-Q1 is a unity-gain difference amplifier with a high common-mode input voltage range. To achieve its
high common-mode voltage range, the INA148-Q1 features a precision, laser-trimmed, thin-film resistor network
with a 20:1 input voltage divider ratio. High input voltages are thereby reduced in amplitude, delivering input
voltages to the op amp that are within its linear operating range. A Tee network in the op amp feedback network
places the amplifier in a gain of 20 V/V, restoring the overall circuit gain to unity (1 V/V).
External voltages can be summed into the amplifier's output by using the REF pin, making the differential
amplifier a highly versatile design tool. Voltages on the REF pin also influence the INA148-Q1's common-mode
voltage range.
In accordance with good engineering practice for linear integrated circuits, the INA148-Q1's power-supply bypass
capacitors must be connected as close to the supply pins (V+ and V–) as practical. TI recommends ceramic or
tantalum capacitors for use as bypass capacitors.
The input impedances are unusually high for a difference amplifier and this must be considered when routing
input signal traces on a PCB. Avoid placing digital signal traces near the difference amplifier's input traces to
minimize noise pickup.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Operating Voltage
The INA148-Q1 is specified for ±15-V and ±5-V dual supplies and 5-V single supplies. The INA148-Q1 can be
operated with single or dual supplies with excellent performance.
The INA148-Q1 is fully characterized for supply voltages from ±1.35 V to ±18 V and over temperatures of –40°C
to 125°C. Parameters that vary significantly with operating voltage, load conditions, or temperature are shown in
Typical Characteristics.
7.3.2 Gain Equation
An internal on-chip resistor network sets the overall differential gain of the INA148-Q1 to precisely 1 V/V.
Equation 1 shows the output.
VO = (V+IN – V–IN) + VREF
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com