Electronic Components Datasheet Search
  English  ▼

X  

LM19 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM19
Description  LM19 2.4V, 10μA, TO-92 Temperature Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM19 Datasheet(HTML) 2 Page - Texas Instruments

  LM19 Datasheet HTML 1Page - Texas Instruments LM19 Datasheet HTML 2Page - Texas Instruments LM19 Datasheet HTML 3Page - Texas Instruments LM19 Datasheet HTML 4Page - Texas Instruments LM19 Datasheet HTML 5Page - Texas Instruments LM19 Datasheet HTML 6Page - Texas Instruments LM19 Datasheet HTML 7Page - Texas Instruments LM19 Datasheet HTML 8Page - Texas Instruments LM19 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LM19
SNIS122E – MAY 2001 – REVISED MARCH 2013
www.ti.com
Typical Application
Output Voltage vs Temperature
VO = (−3.88×10
−6×T2) + (−1.15×10−2×T) + 1.8639
or
where:
T is temperature, and VO is the measured output voltage of the
LM19.
Figure 1. Full-Range Celsius (Centigrade) Temperature Sensor (
−55°C to +130°C) Operating from a
Single Li-Ion Battery Cell
Temperature (T)
Typical VO
+130°C
+303 mV
+100°C
+675 mV
+80°C
+919 mV
+30°C
+1515 mV
+25°C
+1574 mV
0°C
+1863.9 mV
−30°C
+2205 mV
−40°C
+2318 mV
−55°C
+2485 mV
Connection Diagram
Figure 2. TO-92
Package Number LP
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com