Electronic Components Datasheet Search
  English  ▼

X  

LM19 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM19
Description  LM19 2.4V, 10μA, TO-92 Temperature Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM19 Datasheet(HTML) 1 Page - Texas Instruments

  LM19 Datasheet HTML 1Page - Texas Instruments LM19 Datasheet HTML 2Page - Texas Instruments LM19 Datasheet HTML 3Page - Texas Instruments LM19 Datasheet HTML 4Page - Texas Instruments LM19 Datasheet HTML 5Page - Texas Instruments LM19 Datasheet HTML 6Page - Texas Instruments LM19 Datasheet HTML 7Page - Texas Instruments LM19 Datasheet HTML 8Page - Texas Instruments LM19 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM19
www.ti.com
SNIS122E – MAY 2001 – REVISED MARCH 2013
LM19 2.4V, 10µA, TO-92 Temperature Sensor
Check for Samples: LM19
1
FEATURES
DESCRIPTION
The LM19 is a precision analog output CMOS
2
•
Rated for Full
−55°C to +130°C Range
integrated-circuit temperature sensor that operates
•
Available in a TO-92 Package
over a
−55°C to +130°C temperature range. The
•
Predictable Curvature Error
power supply operating range is +2.4 V to +5.5 V.
The transfer function of LM19 is predominately linear,
•
Suitable for Remote Applications
yet has a slight predictable parabolic curvature. The
•
UL Recognized Component
accuracy of the LM19 when specified to a parabolic
transfer function is ±2.5°C at an ambient temperature
APPLICATIONS
of +30°C. The temperature error increases linearly
and
reaches
a
maximum
of
±3.8°C
at
the
•
Cellular Phones
temperature range extremes. The temperature range
•
Computers
is affected by the power supply voltage. At a power
•
Power Supply Modules
supply voltage of 2.7 V to 5.5 V the temperature
range extremes are +130°C and
−55°C. Decreasing
•
Battery Management
the power supply voltage to 2.4 V changes the
•
FAX Machines
negative
extreme
to
−30°C, while the positive
•
Printers
remains at +130°C.
•
HVAC
The LM19's quiescent current is less than 10
μA.
•
Disk Drives
Therefore, self-heating is less than 0.02°C in still air.
Shutdown capability for the LM19 is intrinsic because
•
Appliances
its inherent low power consumption allows it to be
powered directly from the output of many logic gates
KEY SPECIFICATIONS
or does not necessitate shutdown at all.
•
Accuracy at +30°C ±2.5 °C (max)
•
Accuracy at +130°C &
−55°C ±3.5 to ±3.8 °C
(max)
•
Power Supply Voltage Range +2.4V to +5.5V
•
Current Drain 10
μA (max)
•
Nonlinearity ±0.4 % (typ)
•
Output Impedance 160
Ω (max)
•
Load Regulation
–
0µA < IL< +16 µA
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM19

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM19 NSC-LM19 Datasheet
173Kb / 8P
2.4V, 10uA, TO-92 Temperature Sensor
LM19 NSC-LM19 Datasheet
241Kb / 10P
2.4V, 10關A, TO-92 Temperature Sensor
LM19 NSC-LM19 Datasheet
272Kb / 10P
2.4V, 10關A, TO-92 Temperature Sensor
logo
Texas Instruments
LM19 TI1-LM19 Datasheet
283Kb / 13P
LM19 2.4V, 10關A, TO-92 Temperature Sensor
logo
Pixart Imaging Inc.
LM19-LSI PIXART-LM19-LSI Datasheet
2Mb / 18P
Optical Gaming Navigation Sensor
More results

Similar Description - LM19

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM60 NSC-LM60 Datasheet
221Kb / 9P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM19 NSC-LM19 Datasheet
173Kb / 8P
2.4V, 10uA, TO-92 Temperature Sensor
LM19 NSC-LM19_07 Datasheet
241Kb / 10P
2.4V, 10關A, TO-92 Temperature Sensor
LM60 NSC-LM60_05 Datasheet
637Kb / 11P
2.7V, SOT-23 or TO-92 Temperature Sensor
logo
STMicroelectronics
STLM20 STMICROELECTRONICS-STLM20_07 Datasheet
156Kb / 16P
Ultra-low current 2.4V precision analog temperature sensor
26-Nov-2007
logo
National Semiconductor ...
LM19 NSC-LM19_10 Datasheet
272Kb / 10P
2.4V, 10關A, TO-92 Temperature Sensor
logo
Texas Instruments
LM19 TI1-LM19 Datasheet
283Kb / 13P
LM19 2.4V, 10關A, TO-92 Temperature Sensor
LMT89 TI-LMT89 Datasheet
920Kb / 13P
LMT89 2.4V, 10 A, SC70, Temperature Sensor
LMT89DCKT TI-LMT89DCKT Datasheet
898Kb / 13P
LMT89 2.4V, 10UA, SC70, Temperature Sensor
LM19 TI-LM19_15 Datasheet
268Kb / 14P
LM19 2.4V, 10關A, TO-92 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com