Electronic Components Datasheet Search
  English  ▼

X  

LM19 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM19
Description  LM19 2.4V, 10μA, TO-92 Temperature Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM19 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM19 Datasheet HTML 3Page - Texas Instruments LM19 Datasheet HTML 4Page - Texas Instruments LM19 Datasheet HTML 5Page - Texas Instruments LM19 Datasheet HTML 6Page - Texas Instruments LM19 Datasheet HTML 7Page - Texas Instruments LM19 Datasheet HTML 8Page - Texas Instruments LM19 Datasheet HTML 9Page - Texas Instruments LM19 Datasheet HTML 10Page - Texas Instruments LM19 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LM19
www.ti.com
SNIS122E – MAY 2001 – REVISED MARCH 2013
Capacitive Loads
The LM19 handles capacitive loading well. Without any precautions, the LM19 can drive any capacitive load less
than 300 pF as shown in Figure 3. Over the specified temperature range the LM19 has a maximum output
impedance of 160
Ω. In an extremely noisy environment it may be necessary to add some filtering to minimize
noise pickup. It is recommended that 0.1
μF be added from V+ to GND to bypass the power supply voltage, as
shown in Figure 4. In a noisy environment it may even be necessary to add a capacitor from the output to ground
with a series resistor as shown in Figure 4. A 1
μF output capacitor with the 160 Ω maximum output impedance
and a 200
Ω series resistor will form a 442 Hz lowpass filter. Since the thermal time constant of the LM19 is
much slower, the overall response time of the LM19 will not be significantly affected.
Figure 3. LM19 No Decoupling Required for Capacitive Loads Less than 300 pF
Table 3. LM19 with Filter for Noisy Environment
and Capacitive Loading greater than 300 pF
R (
Ω)
C (µF)
200
1
470
0.1
680
0.01
1 k
0.001
Either placement of resistor as shown
above is just as effective.
Figure 4. LM19 with Filter for Noisy Environment
and Capacitive Loading greater than 300 pF
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com