Electronic Components Datasheet Search
  English  ▼

X  

LM19 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM19
Description  LM19 2.4V, 10μA, TO-92 Temperature Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM19 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM19 Datasheet HTML 2Page - Texas Instruments LM19 Datasheet HTML 3Page - Texas Instruments LM19 Datasheet HTML 4Page - Texas Instruments LM19 Datasheet HTML 5Page - Texas Instruments LM19 Datasheet HTML 6Page - Texas Instruments LM19 Datasheet HTML 7Page - Texas Instruments LM19 Datasheet HTML 8Page - Texas Instruments LM19 Datasheet HTML 9Page - Texas Instruments LM19 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
LM19
SNIS122E – MAY 2001 – REVISED MARCH 2013
www.ti.com
Table 1. First Order Equations Optimized For Different Temperature Ranges
Temperature Range
Linear Equation
Maximum Deviation of Linear Equation from
VO=
Parabolic Equation (°C)
Tmin (°C)
Tmax (°C)
−55
+130
−11.79 mV/°C × T + 1.8528 V
±1.41
−40
+110
−11.77 mV/°C × T + 1.8577 V
±0.93
−30
+100
−11.77 mV/°C × T + 1.8605 V
±0.70
-40
+85
−11.67 mV/°C × T + 1.8583 V
±0.65
−10
+65
−11.71 mV/°C × T + 1.8641 V
±0.23
+35
+45
−11.81 mV/°C × T + 1.8701 V
±0.004
+20
+30
−11.69 mV/°C × T + 1.8663 V
±0.004
Mounting
The LM19 can be applied easily in the same way as other integrated-circuit temperature sensors. It can be glued
or cemented to a surface. The temperature that the LM19 is sensing will be within about +0.02°C of the surface
temperature to which the LM19's leads are attached.
This presumes that the ambient air temperature is almost the same as the surface temperature; if the air
temperature were much higher or lower than the surface temperature, the actual temperature measured would
be at an intermediate temperature between the surface temperature and the air temperature.
To ensure good thermal conductivity the backside of the LM19 die is directly attached to the GND pin. The
tempertures of the lands and traces to the other leads of the LM19 will also affect the temperature that is being
sensed.
Alternatively, the LM19 can be mounted inside a sealed-end metal tube, and can then be dipped into a bath or
screwed into a threaded hole in a tank. As with any IC, the LM19 and accompanying wiring and circuits must be
kept insulated and dry, to avoid leakage and corrosion. This is especially true if the circuit may operate at cold
temperatures where condensation can occur. Printed-circuit coatings and varnishes such as Humiseal and epoxy
paints or dips are often used to ensure that moisture cannot corrode the LM19 or its connections.
The thermal resistance junction to ambient (
θJA) is the parameter used to calculate the rise of a device junction
temperature due to its power dissipation. For the LM19 the equation used to calculate the rise in the die
temperature is as follows:
TJ = TA + θJA [(V
+ I
Q) + (V
+ − V
O) IL]
where
•
IQ is the quiescent current and ILis the load current on the output.
(6)
Since the LM19's junction temperature is the actual temperature being measured care should be taken to
minimize the load current that the LM19 is required to drive.
Table 2 summarizes the rise in die temperature of the LM19 without any loading, and the thermal resistance for
different conditions.
Table 2. Temperature Rise of LM19 Due to Self-Heating and Thermal Resistance (
θJA)
TO-92
TO-92
no heat sink
small heat fin
θJA
TJ − TA
θJA
TJ − TA
(°C/W)
(°C)
(°C/W)
(°C)
Still air
150
TBD
TBD
TBD
Moving air
TBD
TBD
TBD
TBD
6
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com