Electronic Components Datasheet Search
  English  ▼

X  

LM19 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM19
Description  LM19 2.4V, 10μA, TO-92 Temperature Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM19 Datasheet(HTML) 4 Page - Texas Instruments

  LM19 Datasheet HTML 1Page - Texas Instruments LM19 Datasheet HTML 2Page - Texas Instruments LM19 Datasheet HTML 3Page - Texas Instruments LM19 Datasheet HTML 4Page - Texas Instruments LM19 Datasheet HTML 5Page - Texas Instruments LM19 Datasheet HTML 6Page - Texas Instruments LM19 Datasheet HTML 7Page - Texas Instruments LM19 Datasheet HTML 8Page - Texas Instruments LM19 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
LM19
SNIS122E – MAY 2001 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
Unless otherwise noted, these specifications apply for V
+ = +2.7 V
DC. Boldface limits apply for TA = TJ = TMIN to TMAX ; all
other limits TA = TJ = 25°C; Unless otherwise noted.
Parameter
Conditions
Typical(1)
LM19C
Units
(Limit)
Limits(2)
Temperature to Voltage Error
TA = +25°C to +30°C
±2.5
°C (max)
VO = (−3.88×10
−6×T2)
TA = +130°C
±3.5
°C (max)
+ (
−1.15×10−2×T) + 1.8639V(3)
TA = +125°C
±3.5
°C (max)
TA = +100°C
±3.2
°C (max)
TA = +85°C
±3.1
°C (max)
TA = +80°C
±3.0
°C (max)
TA = 0°C
±2.9
°C (max)
TA = −30°C
±3.3
°C (min)
TA = −40°C
±3.5
°C (max)
TA = −55°C
±3.8
°C (max)
Output Voltage at 0°C
+1.8639
V
Variance from Curve
±1.0
°C
Non-Linearity(4)
−20°C ≤ TA ≤ +80°C
±0.4
%
Sensor Gain (Temperature Sensitivity
−30°C ≤ TA ≤ +100°C
−11.77
−11.0
mV/°C (min)
or Average Slope) to equation:
−12.6
mV/°C (max)
VO=−11.77 mV/°C×T+1.860V
Output Impedance
0
μA ≤ IL ≤ +16 μA
(5) (6)
160
Ω (max)
Load Regulation(7)
0
μA ≤ IL ≤ +16 μA
(5) (6)
−2.5
mV (max)
Line Regulation(8)
+2. 4 V
≤ V+ ≤ +5.0V
+3.7
mV/V (max)
+5.0 V
≤ V+ ≤ +5.5 V
+11
mV (max)
Quiescent Current
+2. 4 V
≤ V+ ≤ +5.0V
4.5
7
μA (max)
+5.0V
≤ V+ ≤ +5.5V
4.5
9
μA (max)
+2. 4 V
≤ V+ ≤ +5.0V
4.5
10
μA (max)
Change of Quiescent Current
+2. 4 V
≤ V+ ≤ +5.5V
+0.7
μA
Temperature Coefficient of Quiescent
−11
nA/°C
Current
Shutdown Current
V+
≤ +0.8 V
0.02
μA
(1)
Typicals are at TJ = TA = 25°C and represent most likely parametric norm.
(2)
Limits are ensured to AOQL (Average Outgoing Quality Level).
(3)
Accuracy is defined as the error between the measured and calculated output voltage at the specified conditions of voltage, current, and
temperature (expressed in°C).
(4)
Non-Linearity is defined as the deviation of the calculated output-voltage-versus-temperature curve from the best-fit straight line, over
the temperature range specified.
(5)
Negative currents are flowing into the LM19. Positive currents are flowing out of the LM19. Using this convention the LM19 can at most
sink
−1 μA and source +16 μA.
(6)
Load regulation or output impedance specifications apply over the supply voltage range of +2.4V to +5.5V.
(7)
Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output due to heating
effects can be computed by multiplying the internal dissipation by the thermal resistance.
(8)
Line regulation is calculated by subtracting the output voltage at the highest supply input voltage from the output voltage at the lowest
supply input voltage.
4
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com