Electronic Components Datasheet Search
  English  ▼

X  

LM19 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM19
Description  LM19 2.4V, 10μA, TO-92 Temperature Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM19 Datasheet(HTML) 5 Page - Texas Instruments

  LM19 Datasheet HTML 1Page - Texas Instruments LM19 Datasheet HTML 2Page - Texas Instruments LM19 Datasheet HTML 3Page - Texas Instruments LM19 Datasheet HTML 4Page - Texas Instruments LM19 Datasheet HTML 5Page - Texas Instruments LM19 Datasheet HTML 6Page - Texas Instruments LM19 Datasheet HTML 7Page - Texas Instruments LM19 Datasheet HTML 8Page - Texas Instruments LM19 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MAX Limit
MIN Limit
Typical
-100
-50
0
50
100
150
-5
-4
-3
-2
-1
0
1
2
3
4
5
TEMPERATURE (ºC)
LM19
www.ti.com
SNIS122E – MAY 2001 – REVISED MARCH 2013
Typical Performance Characteristics
Temperature Error vs. Temperature
Thermal Response in Still Air
LM19 TRANSFER FUNCTION
The LM19's transfer function can be described in different ways with varying levels of precision. A simple linear
transfer function, with good accuracy near 25°C, is
VO= −11.69 mV/°C × T + 1.8663 V
(1)
Over the full operating temperature range of
−55°C to +130°C, best accuracy can be obtained by using the
parabolic transfer function
VO = (−3.88×10
−6×T2) + (−1.15×10−2×T) + 1.8639
(2)
solving for T:
(3)
A linear transfer function can be used over a limited temperature range by calculating a slope and offset that give
best results over that range. A linear transfer function can be calculated from the parabolic transfer function of
the LM19. The slope of the linear transfer function can be calculated using the following equation:
m =
−7.76 × 10
−6× T − 0.0115
where
•
T is the middle of the temperature range of interest and m is in V/°C.
(4)
For example for the temperature range of Tmin = −30 to Tmax = +100°C:
T = 35°C
and
m =
−11.77 mV/°C
The offset of the linear transfer function can be calculated using the following equation:
b = (VOP(Tmax) + VOP(T) − m × (Tmax+T))/2
where
•
VOP(Tmax) is the calculated output voltage at Tmax using the parabolic transfer function for VO.
•
VOP(T) is the calculated output voltage at T using the parabolic transfer function for VO.
(5)
Using this procedure the best fit linear transfer function for many popular temperature ranges was calculated in
Table 1. As shown in Table 1 the error that is introduced by the linear transfer function increases with wider
temperature ranges.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com