Electronic Components Datasheet Search
  English  ▼

X  

DCH01 Datasheet(PDF) 2 Page - Texas Instruments

Part # DCH01
Description  DCH01 Series, 1-W, 3000-VDC Isolated, Unregulated DC/DC Converter Modules
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DCH01 Datasheet(HTML) 2 Page - Texas Instruments

  DCH01 Datasheet HTML 1Page - Texas Instruments DCH01 Datasheet HTML 2Page - Texas Instruments DCH01 Datasheet HTML 3Page - Texas Instruments DCH01 Datasheet HTML 4Page - Texas Instruments DCH01 Datasheet HTML 5Page - Texas Instruments DCH01 Datasheet HTML 6Page - Texas Instruments DCH01 Datasheet HTML 7Page - Texas Instruments DCH01 Datasheet HTML 8Page - Texas Instruments DCH01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
DCH010505D, DCH010505S
DCH010512D, DCH010512S
DCH010515D, DCH010515S
SBVS073J – NOVEMBER 2006 – REVISED MAY 2020
www.ti.com
Product Folder Links: DCH010505D DCH010505S DCH010512D DCH010512S DCH010515D DCH010515S
Submit Documentation Feedback
Copyright © 2006–2020, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Tables................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 4
7.5
Electrical Characteristics........................................... 5
7.6
Typical Characteristics .............................................. 6
8
Detailed Description ............................................ 10
8.1
Overview ................................................................. 10
8.2
Functional Block Diagrams ..................................... 10
8.3
Feature Description................................................. 10
9
Application and Implementation ........................ 12
9.1
Application Information............................................ 12
9.2
Typical Application .................................................. 15
10
Power Supply Recommendations ..................... 16
11
Layout................................................................... 16
11.1
Layout Guidelines ................................................. 16
11.2
Layout Example .................................................... 16
12
Device and Documentation Support ................. 17
12.1
Related Links ........................................................ 17
12.2
Receiving Notification of Documentation Updates 17
12.3
Support Resources ............................................... 17
12.4
Trademarks ........................................................... 17
12.5
Electrostatic Discharge Caution ............................ 17
12.6
Glossary ................................................................ 17
13
Mechanical, Packaging, and Orderable
Information ........................................................... 17
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision I (November 2016) to Revision J
Page
•
Added links to Applications .................................................................................................................................................... 1
Changes from Revision H (January 2009) to Revision I
Page
•
Added ESD Ratings table, Feature Description section, Application and Implementation section, Power Supply
Recommendations section, Layout section, Device and Documentation Support section, and Mechanical,
Packaging, and Orderable Information section ...................................................................................................................... 1
•
Changed Ordering Information to Device Comparison Tables............................................................................................... 3
•
Deleted Wave soldering temperature (260°C maximum) from Absolute Maximum Ratings table......................................... 4
•
Added Thermal Information table ........................................................................................................................................... 4
•
Added Isolation subsection to the Feature Description ........................................................................................................ 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com