Electronic Components Datasheet Search
  English  ▼

X  

DCH01 Datasheet(PDF) 13 Page - Texas Instruments

Part # DCH01
Description  DCH01 Series, 1-W, 3000-VDC Isolated, Unregulated DC/DC Converter Modules
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DCH01 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DCH01 Datasheet HTML 9Page - Texas Instruments DCH01 Datasheet HTML 10Page - Texas Instruments DCH01 Datasheet HTML 11Page - Texas Instruments DCH01 Datasheet HTML 12Page - Texas Instruments DCH01 Datasheet HTML 13Page - Texas Instruments DCH01 Datasheet HTML 14Page - Texas Instruments DCH01 Datasheet HTML 15Page - Texas Instruments DCH01 Datasheet HTML 16Page - Texas Instruments DCH01 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
+VIN
DCH01xxxxDN7
-VIN
+VOUT
COM
+VIN
-VIN
-VOUT
+10 V
GND
+VOUT
Copyright © 2016, Texas Instruments Incorporated
I
IN 100mA/div
V
O 5V/div
V
IN 5V/div
13
DCH010505D, DCH010505S
DCH010512D, DCH010512S
DCH010515D, DCH010515S
www.ti.com
SBVS073J – NOVEMBER 2006 – REVISED MAY 2020
Product Folder Links: DCH010505D DCH010505S DCH010512D DCH010512S DCH010515D DCH010515S
Submit Documentation Feedback
Copyright © 2006–2020, Texas Instruments Incorporated
Application Information (continued)
Figure 23. DCH01 Series π Filter (5 V at 1 W)
9.1.2 Start-Up
See Figure 24 for start-up waveforms.
Figure 24. Start0up Waveforms
9.1.3 Connecting the DCH01 in Series
It is possible to connect the outputs of multiple DCH01s in series to provide non-standard voltage rails. The
outputs of dual output DCH01 versions can also be connected in series to provide 2 × the magnitude of VO (as
shown in Figure 25). For example, a dual 5-V DCH01 could be connected to provide a 10-V rail.
Figure 25. Connecting Dual Outputs in Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com