Electronic Components Datasheet Search
  English  ▼

X  

DCH01 Datasheet(PDF) 7 Page - Texas Instruments

Part # DCH01
Description  DCH01 Series, 1-W, 3000-VDC Isolated, Unregulated DC/DC Converter Modules
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DCH01 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DCH01 Datasheet HTML 3Page - Texas Instruments DCH01 Datasheet HTML 4Page - Texas Instruments DCH01 Datasheet HTML 5Page - Texas Instruments DCH01 Datasheet HTML 6Page - Texas Instruments DCH01 Datasheet HTML 7Page - Texas Instruments DCH01 Datasheet HTML 8Page - Texas Instruments DCH01 Datasheet HTML 9Page - Texas Instruments DCH01 Datasheet HTML 10Page - Texas Instruments DCH01 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
I ,LoadCurrent(mA)
O
50
40
30
20
10
0
15
90
30
45
60
75
Output1LoadCurrent(mA)
20
16
12
8
4
0
0
10
15
5
45
20
25
30
35
40
Output2LoadCurrent
42mA
21mA
4mA
I ,LoadCurrent(mA)
O
13.2
13.0
12.8
12.6
12.4
12.2
0
15
90
30
45
60
75
Output1LoadCurrent(mA)
13.2
13.1
13.0
12.9
12.8
12.7
12.6
12.5
12.4
12.3
0
10
15
5
45
20
25
30
35
40
Output2LoadCurrent
42mA
21mA
4mA
I ,LoadCurrent(mA)
O
80
70
60
50
40
30
20
10
0
0
15
90
30
45
60
75
Output1LoadCurrent(mA)
80
70
60
50
40
30
20
10
0
0
10
15
5
45
20
25
30
35
40
Output2LoadCurrent
42mA
21mA
4mA
7
DCH010505D, DCH010505S
DCH010512D, DCH010512S
DCH010515D, DCH010515S
www.ti.com
SBVS073J – NOVEMBER 2006 – REVISED MAY 2020
Product Folder Links: DCH010505D DCH010505S DCH010512D DCH010512S DCH010515D DCH010515S
Submit Documentation Feedback
Copyright © 2006–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C and VIN = 5 V (unless otherwise noted)
Figure 7. DCH010512S Efficiency
Figure 8. DCH010512D Efficiency
Figure 9. DCH010512S Load Regulation
Figure 10. DCH010512D Load Regulation
Figure 11. DCH010512S Ripple Voltage
Figure 12. DCH010512D Ripple Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com