Electronic Components Datasheet Search
  English  ▼

X  

DCH01 Datasheet(PDF) 11 Page - Texas Instruments

Part # DCH01
Description  DCH01 Series, 1-W, 3000-VDC Isolated, Unregulated DC/DC Converter Modules
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DCH01 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DCH01 Datasheet HTML 7Page - Texas Instruments DCH01 Datasheet HTML 8Page - Texas Instruments DCH01 Datasheet HTML 9Page - Texas Instruments DCH01 Datasheet HTML 10Page - Texas Instruments DCH01 Datasheet HTML 11Page - Texas Instruments DCH01 Datasheet HTML 12Page - Texas Instruments DCH01 Datasheet HTML 13Page - Texas Instruments DCH01 Datasheet HTML 14Page - Texas Instruments DCH01 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
DCH010505D, DCH010505S
DCH010512D, DCH010512S
DCH010515D, DCH010515S
www.ti.com
SBVS073J – NOVEMBER 2006 – REVISED MAY 2020
Product Folder Links: DCH010505D DCH010505S DCH010512D DCH010512S DCH010515D DCH010515S
Submit Documentation Feedback
Copyright © 2006–2020, Texas Instruments Incorporated
Feature Description (continued)
8.3.1.2 Basic or Enhanced Isolation
Basic or enhanced isolation is defined by specified creepage and clearance limits between the primary and
secondary circuits of the power supply. Basic isolation is the use of an isolation barrier in addition to the insulated
wire in the construction of the transformer. Input and output circuits must also be physically separated by
specified distances.
8.3.1.3 Continuous Voltage
For a device that has no specific safety agency approvals (operational isolation), the continuous voltage that can
be applied across the part in normal operation is less than 42.4 VRMS or 60 VDC. Ensure that both input and
output voltages maintain normal SELV limits. The isolation test voltage represents a measure of immunity to
transient voltages.
WARNING
Do not use the device as an element of a safety isolation system when SELV is
exceeded.
If the device is expected to function correctly with more than 42.4 VRMS or 60 VDC applied continuously across the
isolation barrier, then the circuitry on both sides of the barrier must be regarded as operating at an unsafe
voltage. Further isolation or insulation systems must form a barrier between these circuits and any user-
accessible circuitry according to safety standard requirements.
8.3.1.4 Isolation Voltage
Hipot test, flash-tested, withstand voltage, proof voltage, dielectric withstand voltage, and isolation test voltage
are all terms that relate to the same thing: a test voltage applied for a specified time across a component
designed to provide electrical isolation to verify the integrity of that isolation. TI’s DCH01 series of dc-dc
converters are all 100% production tested at 3.5 kVDC for 1 second.
8.3.1.5 Repeated High-Voltage Isolation Testing
Repeated high-voltage isolation testing of a barrier component can degrade the isolation capability, depending on
materials, construction, and environment. The DCH01 series of dc-dc converters have toroidal, enameled, wire
isolation transformers with no additional insulation between the primary and secondary windings. While a device
can be expected to withstand several times the stated test voltage, the isolation capability depends on the wire
insulation. Any material, including this enamel (typically polyurethane), is susceptible to eventual chemical
degradation when subject to very-high applied voltages. Therefore, strictly limit the number of high-voltage tests
and repeated high-voltage isolation testing. However, if it is absolutely required, reduce the voltage by 20% from
specified test voltage with a duration limit of 1 second per test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com