Electronic Components Datasheet Search
  English  ▼

X  

DCH01 Datasheet(PDF) 1 Page - Texas Instruments

Part # DCH01
Description  DCH01 Series, 1-W, 3000-VDC Isolated, Unregulated DC/DC Converter Modules
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DCH01 Datasheet(HTML) 1 Page - Texas Instruments

  DCH01 Datasheet HTML 1Page - Texas Instruments DCH01 Datasheet HTML 2Page - Texas Instruments DCH01 Datasheet HTML 3Page - Texas Instruments DCH01 Datasheet HTML 4Page - Texas Instruments DCH01 Datasheet HTML 5Page - Texas Instruments DCH01 Datasheet HTML 6Page - Texas Instruments DCH01 Datasheet HTML 7Page - Texas Instruments DCH01 Datasheet HTML 8Page - Texas Instruments DCH01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DCH010505D, DCH010505S
DCH010512D, DCH010512S
DCH010515D, DCH010515S
SBVS073J – NOVEMBER 2006 – REVISED MAY 2020
DCH01 Series, 1-W, 3000-VDC Isolated, Unregulated DC/DC Converter Modules
1
1 Features
1
•
3-kVDC Isolation (operational): 1-second test
•
Continuous voltage applied across isolation
barrier: 60 VDC / 42.5 VAC
•
UL60950 certified product
•
Industry standard footprint
•
JEDEC 7-pin SIP package
•
Input voltage: 5 V ±10%
•
Output voltage: ±5 V, ±12 V, or ±15 V
•
Supports series operation for higher output
voltage
•
Supports parallel operation for higher output
power
•
Up to 78% efficiency
2 Applications
•
Point-of-use power conversion
•
Ground loop elimination
•
Data acquisition
•
Industrial control and instrumentation
•
Test equipment
3 Description
The DCH010505, DCH010512, and DCH010515
devices are a family of miniature, 1-W, 3-kV isolated
DC/DC converters. Featured in an industry standard
7-pin SIP package, the DCH01 series requires
minimal external components, reducing board space.
The DCH01 series provides both single and dual
split-supply outputs.
The use of a highly integrated package design results
in highly reliable products with high power densities.
High performance and small size makes the DCH01
suitable for a wide range of applications including
signal chain applications and ground loop elimination.
WARNING: This product has operational isolation and is
intended for signal isolation only. It must not be used as a
part of a safety isolation circuit requiring reinforced
isolation. See definitions in Feature Description.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DCH0105xx
EDJ-Single (7)
19.50 mm × 10.00 mm
EDJ-Dual (7)
19.50 mm × 10.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Single-Output Block Diagram
Dual-Output Block Diagram


Similar Part No. - DCH01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCH01 TI-DCH01 Datasheet
379Kb / 12P
MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
DCH01 TI1-DCH01 Datasheet
417Kb / 15P
MINIATURE, 1-W, 3-kV ISOLATED UNREGULATED DC/DC CONVERTERS
JANUARY2009
logo
Sanyo Semicon Device
DCH010 SANYO-DCH010 Datasheet
23Kb / 2P
Ultrahigh-Speed Switching Diodes
logo
Texas Instruments
DCH010505D TI-DCH010505D Datasheet
379Kb / 12P
MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
DCH010505D TI1-DCH010505D Datasheet
417Kb / 15P
MINIATURE, 1-W, 3-kV ISOLATED UNREGULATED DC/DC CONVERTERS
JANUARY2009
More results

Similar Description - DCH01

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PWS750 BURR-BROWN-PWS750 Datasheet
143Kb / 11P
Isolated, Unregulated DC/DC CONVERTER COMPONENTS
logo
Power Systems GmbH+Co.K...
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MUS-0505 POWER-SYSTEMS-MUS-0505 Datasheet
234Kb / 5P
DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
logo
Microdc power Technolog...
F-XMD-1W MICRODC-F-XMD-1W Datasheet
1,020Kb / 2P
3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8 DC/DC Converter
F0303XMD-1W MICRODC-F0303XMD-1W Datasheet
680Kb / 2P
3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8 DC/DC Converter
logo
Texas Instruments
DCV010505 TI1-DCV010505 Datasheet
408Kb / 19P
Miniature, 1-W, 1500-Vrms Isolated Unregulated DC-DC Converters
DCP010505B TI1-DCP010505B_15 Datasheet
1Mb / 30P
Unregulated DC/DC Converter Modules
DCP020503 TI1-DCP020503_16 Datasheet
1Mb / 28P
DCP02x 2-W, Isolated, Unregulated DC/DC Converter Modules
DCP010505B TI1-DCP010505B Datasheet
1Mb / 30P
1-W, Isolated, Unregulated DC/DC Converter Modules
DCPA10505 TI1-DCPA10505 Datasheet
665Kb / 27P
Series 1-W, Isolated, Unregulated DC/DC Converter Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com