Electronic Components Datasheet Search
  English  ▼

X  

DCH01 Datasheet(PDF) 3 Page - Texas Instruments

Part # DCH01
Description  DCH01 Series, 1-W, 3000-VDC Isolated, Unregulated DC/DC Converter Modules
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DCH01 Datasheet(HTML) 3 Page - Texas Instruments

  DCH01 Datasheet HTML 1Page - Texas Instruments DCH01 Datasheet HTML 2Page - Texas Instruments DCH01 Datasheet HTML 3Page - Texas Instruments DCH01 Datasheet HTML 4Page - Texas Instruments DCH01 Datasheet HTML 5Page - Texas Instruments DCH01 Datasheet HTML 6Page - Texas Instruments DCH01 Datasheet HTML 7Page - Texas Instruments DCH01 Datasheet HTML 8Page - Texas Instruments DCH01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
1
2
5
6
7
DCH01
1
2
5
7
DCH01
3
DCH010505D, DCH010505S
DCH010512D, DCH010512S
DCH010515D, DCH010515S
www.ti.com
SBVS073J – NOVEMBER 2006 – REVISED MAY 2020
Product Folder Links: DCH010505D DCH010505S DCH010512D DCH010512S DCH010515D DCH010515S
Submit Documentation Feedback
Copyright © 2006–2020, Texas Instruments Incorporated
5 Device Comparison Tables
Table 1. DCH01 Products
MODEL
INPUT VOLTAGE
(V)
OUTPUT
VOLTAGE
(V)
OUTPUT
CURRENT
(mA)
OUTPUT POWER
(W)
ISOLATION
VOLTAGE
(kVDC)
PACKAGE-LEAD
DCH010505S
5 ± 10%
5
200
1
3
SIP-7
DCH010512S
5 ± 10%
12
83
1
3
SIP-7
DCH010515S
5 ± 10%
15
67
1
3
SIP-7
DCH010505D
5 ± 10%
±5
±100
1
3
SIP-7
DCH010512D
5 ± 10%
±12
±42
1
3
SIP-7
DCH010515D
5 ± 10%
±15
±33
1
3
SIP-7
Table 2. Part Numbering Scheme
PRODUCT LINE
POWER
INPUT
VOLTAGE
OUTPUT
VOLTAGE
SINGLE/DUAL
PACKAGE
PIN
CONFIG
TRANSPORT
MEDIA
DCH
01
05
05
S
N
7
H = 3 kV, unregulated output 01 = 1 W
05 = 5 V
05 = 5 V
S = Single
N = SIP Thru-hole
7 = SIP-7
Blank = Tray
12 =12 V
D = Dual
15 = 15 V
6 Pin Configuration and Functions
EDJ Package
7-Pin SIP (Single)
Top View
EDJ Package
7-Pin SIP (Dual)
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
EDJ (SINGLE)
EDJ (DUAL)
–VI
2
2
I
Input side common
+VI
1
1
I
Voltage input
–VO
5
5
O
–Voltage out
+VO
7
7
O
+Voltage out
COM
—
6
—
Output side common



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com