Electronic Components Datasheet Search
  English  ▼

X  

LM63 Datasheet(PDF) 18 Page - Texas Instruments

Part # LM63
Description  LM63 ±1°C/±3°C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM63 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM63 Datasheet HTML 14Page - Texas Instruments LM63 Datasheet HTML 15Page - Texas Instruments LM63 Datasheet HTML 16Page - Texas Instruments LM63 Datasheet HTML 17Page - Texas Instruments LM63 Datasheet HTML 18Page - Texas Instruments LM63 Datasheet HTML 19Page - Texas Instruments LM63 Datasheet HTML 20Page - Texas Instruments LM63 Datasheet HTML 21Page - Texas Instruments LM63 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
LM63
SNAS190E – SEPTEMBER 2002 – REVISED MAY 2013
www.ti.com
Table 3. Register Map Grouped in Hexadecimal Address Order (continued)
DATA BITS
REGISTER
REGISTER
0x[HEX]
NAME
D7
D6
D5
D4
D3
D2
D1
D0
49
Tach Limit MSB
TLHB15
TLHB14
TLHB13
TLHB12
TLHB11
TLHB10
TLHB9
TLHB8
4A
PWM and RPM
0
0
PWPGM
PWOUT±
PWCKSL
0
TACH1
TACH0
4B
Fan Spin-Up
0
0
SPINUP
SPNDTY1
SPNDTY0
SPNUPT2
SPNUPT1
SPNUPT0
Config
4C
PWM Value
0
0
PWVAL5
PWVAL4
PWVAL3
PWVAL2
PWVAL1
PWVAL0
4D
PWM
0
0
0
PWMF4
PWMF3
PWMF2
PWMF1
PWMF0
Frequency
4E
[Reserved]
Not Used
4F
Lookup Table
0
0
0
LOOKH4
LOOKH3
LOOKH2
LOOKH1
LOOKH0
Hystersis
50–5F
Lookup Table
Lookup Table of up to 8 PWM and Temp Pairs in 8-bit Registers
60–BE
[Reserved]
Not Used
BF
Rmt Diode
0
0
0
0
0
RDTF1
RDTF0
ALTCOMP
Temp Filter
C0–FD
[Reserved]
Not Used
FE
Manufacturer’s
0
0
0
0
0
0
0
1
ID
FF
Stepping/Die
0
1
0
0
0
0
0
1
Rev. ID
18
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com