Electronic Components Datasheet Search
  English  ▼

X  

LM63 Datasheet(PDF) 19 Page - Texas Instruments

Part # LM63
Description  LM63 ±1°C/±3°C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM63 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM63 Datasheet HTML 15Page - Texas Instruments LM63 Datasheet HTML 16Page - Texas Instruments LM63 Datasheet HTML 17Page - Texas Instruments LM63 Datasheet HTML 18Page - Texas Instruments LM63 Datasheet HTML 19Page - Texas Instruments LM63 Datasheet HTML 20Page - Texas Instruments LM63 Datasheet HTML 21Page - Texas Instruments LM63 Datasheet HTML 22Page - Texas Instruments LM63 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
LM63
www.ti.com
SNAS190E – SEPTEMBER 2002 – REVISED MAY 2013
REGISTER MAP IN FUNCTIONAL ORDER
Table 4 is a Register Map grouped in Functional Order. Some address locations have been left blank to maintain
compatibility with LM86. Addresses in parenthesis are mirrors of named address. Reading or writing either
address will access the same 8-bit register. The Fan Control and Configuration Registers are listed first, as there
is a required order to setup these registers first and then setup the others (see REQUIRED INITIAL FAN
CONTROL REGISTER SEQUENCE). The detailed explanations of each register will follow the order shown in
Table 4.
Note: POR = Power-On-Reset.
Table 4. Register Map Grouped in Functional Order
REGISTER
POR DEFAULT
REGISTER NAME
READ/WRITE
[HEX]
[HEX]
FAN CONTROL REGISTERS
4A
PWM and RPM
R/W
20
4B
Fan Spin-Up Configuration
R/W
3F
4D
PWM Frequency
R/W
17
Read Only
4C
PWM Value
00
(R/W if Override Bit is Set)
50–5F
Lookup Table
R/W
See Table
4F
Lookup Table Hysteresis
R/W
04
CONFIGURATION REGISTER
03 (09)
Configuration
R/W
00
TACHOMETER COUNT AND LIMIT REGISTERS
46
Tach Count LSB
Read Only
N/A
47
Tach Count MSB
Read Only
N/A
48
Tach Limit LSB
R/W
FF
49
Tach Limit MSB
R/W
FF
LOCAL TEMPERATURE AND LOCAL SETPOINT REGISTERS
00
Local Temperature
Read Only
N/A
05 (0B)
Local High Setpoint
R/W
46 (70°)
REMOTE DIODE TEMPERATURE AND SETPOINT REGISTERS
01
Remote Temperature MSB
Read Only
N/A
10
Remote Temperature LSB
Read Only
N/A
11
Remote Temperature Offset MSB
R/W
00
12
Remote Temperature Offset LSB
R/W
00
07 (0D)
Remote High Setpoint MSB
R/W
46 (70°C)
13
Remote High Setpoint LSB
R/W
00
08 (0E)
Remote Low Setpoint MSB
R/W
00 (0°C)
14
Remote Low Setpoint LSB
R/W
00
19
Remote TCRIT Setpoint
R/W
55 (85°C)
21
Remote TCRIT Hys
R/W
0A (10°C)
BF
Remote Diode Temperature Filter
R/W
00
CONVERSION AND ONE-SHOT REGISTERS
04 (0A)
Conversion Rate
R/W
08
0F
One-Shot
Write Only
N/A
ALERT STATUS AND MASK REGISTERS
02
ALERT Status
Read Only
N/A
16
ALERT Mask
R/W
A4
ID AND TEST REGISTERS
FF
Stepping/Die Rev. ID
Read Only
41
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com