Electronic Components Datasheet Search
  English  ▼

X  

LM63 Datasheet(PDF) 25 Page - Texas Instruments

Part # LM63
Description  LM63 ±1°C/±3°C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM63 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM63 Datasheet HTML 21Page - Texas Instruments LM63 Datasheet HTML 22Page - Texas Instruments LM63 Datasheet HTML 23Page - Texas Instruments LM63 Datasheet HTML 24Page - Texas Instruments LM63 Datasheet HTML 25Page - Texas Instruments LM63 Datasheet HTML 26Page - Texas Instruments LM63 Datasheet HTML 27Page - Texas Instruments LM63 Datasheet HTML 28Page - Texas Instruments LM63 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
LM63
www.ti.com
SNAS190E – SEPTEMBER 2002 – REVISED MAY 2013
Table 7. Tachometer Count And Limit Registers
ADDRESS
READ/
POR
BITS
NAME
DESCRIPTION
HEX
WRITE
VALUE
47HEX TACHOMETER COUNT (MSB) and 46HEX TACHOMETER COUNT (LSB) REGISTERS (16 bits: Read LSB first to lock MSB and
ensure MSB and LSB are from the same reading)
Tachometer
These registers contain the current 16-bit Tachometer
47
Read Only
7:0
N/A
Count (MSB)
Count, representing the period of time between tach pulses.
Note that the 16-bit tachometer MSB and LSB are reversed
Tachometer
Read Only
7:2
N/A
from the 16-bit temperature readings.
Count (LSB)
Bits
Edges Used
Tach_Count_Multiple
00:
Reserved - do not use
01:
2
4
Tachometer
10:
3
2
46
Read Only
1:0
00
Edge Count
11:
5
1
Note: If PWM_Clock_Select = 360 kHz, then
Tach_Count_Multiple = 1 regardless of the setting of these
bits.
49HEX TACHOMETER LIMIT (MSB) and 48HEX TACHOMETER LIMIT (LSB) REGISTERS
Tachometer
These registers contain the current 16-bit Tachometer
49
R/W
7:0
0xFF
Limit MSB)
Count, representing the period of time between tach pulses.
Fan RPM = (f * 5,400,000) / (Tachometer Count), where f =
1 for 2 pulses/rev fan; f = 2 for 1 pulse/rev fan; and f = 2/3
for 3 pulses/rev fan. See the APPLICATION NOTES section
Tachometer
R/W
7:2
0xFF
at the end of this datasheet for more tachometer
Limit (LSB)
48
information. Note that the 16-bit tachometer MSB and LSB
are reversed from the 16 bit temperature readings.
R/W
1:0
[Reserved]
Not Used.
Table 8. Local Temperature And Local High Setpoint Registers
ADDRESS
READ/
POR
BITS
NAME
DESCRIPTION
HEX
WRITE
VALUE
00HEX LOCAL TEMPERATURE REGISTER (8-bits)
Local Temperature
00
Read Only
7:0
N/A
8-bit integer representing the temperature of the LM63 die.
Reading (8-bit)
05 (0B)HEX LOCAL HIGH SETPOINT REGISTER (8-bits)
05
R/W
7:0
0x46 (70°) Local HIGH Setpoint High Setpoint for the internal diode.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LM63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com