Electronic Components Datasheet Search
  English  ▼

X  

LM63 Datasheet(PDF) 26 Page - Texas Instruments

Part # LM63
Description  LM63 ±1°C/±3°C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM63 Datasheet(HTML) 26 Page - Texas Instruments

Back Button LM63 Datasheet HTML 22Page - Texas Instruments LM63 Datasheet HTML 23Page - Texas Instruments LM63 Datasheet HTML 24Page - Texas Instruments LM63 Datasheet HTML 25Page - Texas Instruments LM63 Datasheet HTML 26Page - Texas Instruments LM63 Datasheet HTML 27Page - Texas Instruments LM63 Datasheet HTML 28Page - Texas Instruments LM63 Datasheet HTML 29Page - Texas Instruments LM63 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
LM63
SNAS190E – SEPTEMBER 2002 – REVISED MAY 2013
www.ti.com
Table 9. Remote Diode Temperature, Offset And Setpoint Registers
ADDRESS
READ/
POR
BITS
NAME
DESCRIPTION
HEX
WRITE
VALUE
This is the MSB of the 2’s complement value, representing the
Remote Diode
temperature of the remote diode connected to the LM63. Bit 7 is the
01
Read Only
7:0
N/A
Temperature
sign bit, bit 6 has a weight of 0x40 (64°), and bit 0 has a weight of 1°C.
Reading (MSB)
This byte to be read first. The LM63C and LM63D will report the actual
thermal diode temperature.
This is the LSB of the 2’s complement value, representing the
temperature of the remote diode connected to the LM63. Bit 7 has a
Remote Diode
7:5
N/A
weight 0.5°C, bit 6 has a weight of 0.25°C, and bit 5 has a weight of
10
Read Only
Temperature
0.125°C.
Reading (MSB)
4:0
00
Always 00.
Remote
These registers contain the value added to or subtracted from the
11
R/W
7:5
00
Temperature
remote diode’s reading to compensate for the different non-ideality
OFFSET (MSB)
factors of different processors, diodes, etc. The 2’s complement value,
in these registers is added to the output of the LM63’s ADC to form the
Remote
7:5
00
temperature reading contained in registers 01 and 10.
12
R/W
Temperature
4:0
00
OFFSET (LSB)
Always 00.
0x46
Remote HIGH
07 (0D)
R/W
7:0
High setpoint temperature for remote diode. Same format as Remote
(70°C)
Setpoint (MSB)
Temperature Reading (registers 01 and 10).
7:5
00
Remote HIGH
13
R/W
Setpoint (LSB)
4:0
00
Always 00.
00
Remote LOW
08 (0E)
R/W
7:0
Low setpoint temperature for remote diode. Same format as Remote
(0°C)
Setpoint (MSB)
Temperature Reading (registers 01 and 10).
7:5
00
Remote LOW
14
R/W
Setpoint (LSB)
4:0
00
Always 00.
This 8-bit integer storing the T_CRIT limit is nominally 85°C. This value
can be changed once after power-up by setting T_CRIT Limit Override
0x55
Remote Diode
19
R/W
7:0
(bit 1) in the Configuration register to a 1, then programming a new
(85°C)
T_CRIT Limit
T_CRIT value into this register. The T_CRIT Limit can not be changed
again except by cycling power to the LM63.
Remote Diode
8-bit integer storing T_CRIT hysteresis. T_CRIT stays activated until
0x0A
21
R/W
7:0
T_CRIT
the remote diode temperature goes below [(T_CRIT Limit)—(T_CRIT
(10°C)
Hysteresis
Hysteresis)].
7:3
00000
These bits are unused and should always set to 0.
00: Filter Disabled
Remote Diode
01: Filter Level 1 (minimal filtering, same as 10)
2:1
00
Temperature
10: Filter Level 1 (minimal filtering, same as 01)
Filter
BF
R/W
11: Filter Level 2 (maximum filtering)
0: the ALERT/Tach pin functions normally.
Comparator
1: the ALERTTach pin behaves as a comparator, asserting itself when
0
0
Mode
an ALERT condition exists, de-asserting itself when the ALERT
condition goes away.
26
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com