Electronic Components Datasheet Search
  English  ▼

X  

LM63 Datasheet(PDF) 27 Page - Texas Instruments

Part # LM63
Description  LM63 ±1°C/±3°C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM63 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LM63 Datasheet HTML 23Page - Texas Instruments LM63 Datasheet HTML 24Page - Texas Instruments LM63 Datasheet HTML 25Page - Texas Instruments LM63 Datasheet HTML 26Page - Texas Instruments LM63 Datasheet HTML 27Page - Texas Instruments LM63 Datasheet HTML 28Page - Texas Instruments LM63 Datasheet HTML 29Page - Texas Instruments LM63 Datasheet HTML 30Page - Texas Instruments LM63 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
LM63
www.ti.com
SNAS190E – SEPTEMBER 2002 – REVISED MAY 2013
Table 10. ALERT Status and Mask Registers
ADDRESS
READ/
POR
BITS
NAME
DESCRIPTION
HEX
WRITE
VALUE
02HEX ALERT STATUS REGISTER (8-bits) (All Alarms are latched until read, then cleared if alarm condition was removed at the
time of the read.)
When this bit is a 0, the ADC is not converting.
7
0
Busy
When this bit is set to a 1, the ADC is performing a conversion. This bit
does not affect ALERT status.
When this bit is a 0, the internal temperature of the LM63 is at or below
Local
the Local High Setpoint.
6
0
High Alarm
When this bit is a 1, the internal temperature of the LM63 is above the
Local High Setpoint, and an ALERT is triggered.
5
0
This bit is unused and always read as 0.
When this bit is a 0, the temperature of the Remote Diode is at or
Remote
below the Remote High Setpoint.
4
0
High Alarm
When this bit is a 1, the temperature of the Remote Diode is above the
Remote High Setpoint, and an ALERT is triggered.
When this bit is a 0, the temperature of the Remote Diode is at or
Remote
above the Remote Low Setpoint.
3
0
Low Alarm
When this bit is a 1, the temperature of the Remote Diode is below the
Remote Low Setpoint, and an ALERT is triggered.
0x02
Read Only
When this bit is a 0, the Remote Diode appears to be correctly
Remote Diode
connected.
2
0
Fault Alarm
When this bit is a 1, the Remote Diode may be disconnected or
shorted. This Alarm does not trigger an ALERT.
When this bit is a 0, the temperature of the Remote Diode is at or
Remote
below the T_CRIT Limit.
1
0
T_CRIT Alarm
When this bit is a 1, the temperature of the Remote Diode is above the
T_CRIT Limit, and an ALERT is triggered..
When this bit is a 0, the Tachometer count is lower than or equal to the
Tachometer Limit (the RPM of the fan is greater than or equal to the
minimum desired RPM).
When this bit is a 1, the Tachometer count is higher than the
0
0
Tach Alarm
Tachometer Limit (the RPM of the fan is less than the minimum
desired RPM), and an ALERT is triggered. Note that if this bit is set,
the function of the ALERT/Tach pin must be Tach input, so an external
ALERT condition will not be generated. The user may read the status
register periodically to find out if and ALERT condition has occurred.
16HEX ALERT MASK REGISTER (8-bits)
7
1
This bit is unused and always read as 1.
Local High
When this bit is a 0, a Local High Alarm event will generate an ALERT.
6
0
Alarm Mask
When this bit is a 1, a Local High Alarm will not generate an ALERT
5
1
This bit is unused and always read as 1.
When this bit is a 0, Remote High Alarm event will generate an
Remote
ALERT.
4
0
High Alarm Mask
When this bit is a 1, a Remote High Alarm event will not generate an
ALERT.
When this bit is a 0, a Remote Low Alarm event will generate an
16
R/W
Remote
ALERT.
3
0
Low Alarm
When this bit is a 1, a Remote Low Alarm event will not generate an
Mask
ALERT.
2
1
This bit is unused and always read as 1.
Remote
When this bit is a 0, a Remote T_CRIT event will generate an ALERT.
1
0
T_CRIT
When this bit is a 1, a Remote T_CRIT event will not generate an
Alarm Mask
ALERT.
Tach
When this bit is a 0, a Tach Alarm event will generate an ALERT.
0
0
Alarm Mask
When this bit is a 1, a Tach Alarm event will not generate an ALERT.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LM63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com