Electronic Components Datasheet Search
  English  ▼

X  

LM63 Datasheet(PDF) 24 Page - Texas Instruments

Part # LM63
Description  LM63 ±1°C/±3°C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM63 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM63 Datasheet HTML 20Page - Texas Instruments LM63 Datasheet HTML 21Page - Texas Instruments LM63 Datasheet HTML 22Page - Texas Instruments LM63 Datasheet HTML 23Page - Texas Instruments LM63 Datasheet HTML 24Page - Texas Instruments LM63 Datasheet HTML 25Page - Texas Instruments LM63 Datasheet HTML 26Page - Texas Instruments LM63 Datasheet HTML 27Page - Texas Instruments LM63 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
LM63
SNAS190E – SEPTEMBER 2002 – REVISED MAY 2013
www.ti.com
Table 6. Configuration Register
ADDRESS
READ/
POR
BITS
NAME
DESCRIPTION
HEX
WRITE
VALUE
03 (09)HEX CONFIGURATION REGISTER
When this bit is a 0, ALERT interrupts are enabled.
ALERT
7
0
When this bit is set to a 1, ALERT interrupts are masked, and the
Mask
ALERT pin is always in a high-impedance (open) state.
When this bit is a 0, the LM63 is in operational mode, converting,
comparing, and updating the PWM output continuously.
When this bit is a 1, the LM63 enters a low-power standby mode.
6
0
STANDBY
In STANDBY, continuous conversions are stopped, but a
conversion/comparison cycle may be initiated by writing any value to
register 0x0F. Operation of the PWM output in STANDBY depends
on the setting of bit 5 in this register.
When this bit is a 0, the LM63’s PWM output continues to output the
PWM Disable
current fan control signal while in STANDBY.
5
0
in STANDBY
When this bit is a 1, the PWM output is disabled (as defined by the
PWM polarity bit) while in STANDBY.
4:3
00
These bits are unused and always set to 0.
When this bit is a 0, the ALERT/Tach pin is an open drain ALERT
03 (09)
R/W
output.
ALERT/Tach
When this bit is a 1, the ALERT/Tach pin is a high-impedance
2
0
Select
Tachometer input.
Note that if this bit is set, the function of the ALERT/Tach pin must be
Tach input, so an external ALERT condition will not occur.
The T_CRIT limit for the remote diode is nominally 85°C. This value
can be changed once after power-up by first setting this bit to a 1,
T_CRIT Limit
1
0
then programming a new T_CRIT value into the Remote Diode
Override
T_CRIT Limit (register 0x19). The T_CRIT value can not be changed
again except by cycling power to the LM63.
0: an ALERT will be generated if any Remote Diode conversion result
is above the Remote High Set Point or below the Remote Low
RDTS Fault
Setpoint.
0
0
Queue
1: an ALERT will be generated only if three consecutive Remote
Diode conversions are above the Remote High Set Point or below
the Remote Low Setpoint.
24
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com