Electronic Components Datasheet Search
  English  ▼

X  

PTE Datasheet(PDF) 23 Page - Autonics Corporation

Part # PTE
Description  TOWER & SIGNAL LIGHTS CONTROL SWITCHES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

PTE Datasheet(HTML) 23 Page - Autonics Corporation

Back Button PTE Datasheet HTML 16Page - Autonics Corporation PTE Datasheet HTML 17Page - Autonics Corporation PTE Datasheet HTML 18Page - Autonics Corporation PTE Datasheet HTML 19Page - Autonics Corporation PTE Datasheet HTML 20Page - Autonics Corporation PTE Datasheet HTML 21Page - Autonics Corporation PTE Datasheet HTML 22Page - Autonics Corporation PTE Datasheet HTML 23Page - Autonics Corporation PTE Datasheet HTML 24Page - Autonics Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
www.AutonicsOnline.com
1.866.86.60

Push Button
Flush Mount
Adaptor
Mounting Panel
Locking Ring
Aluminum Boxes
MB70 – S – 01
NUMBER OF HOLES
01
1 Hole
02
 Holes
03
 Holes
04
4 Holes
05
5 Holes
X
X Holes (optional)
BOX STYLE
S
Square Side
T
Triangular Side
L
P
1 Hole
.4 in (86mm)
—
 Holes
5.4 in (16mm)
 in (50mm)
 Holes
7. in (186mm)
.9 in (100mm)
4 Holes
9. in (6mm)
5.9 in (150mm)
5 Holes
11. in (86mm)
7.9 in (00mm)
BC – AG S – 01
NUMBER OF HOLES
01
1 Hole
02
 Holes
03
 Holes
04
4 Holes
BOX STYLE
S
Screw Lock
BOX MATERIAL
AG
ABS Gray
PG
PC Gray
*PY
PC Yellow
Switch Boxes
Plastic Boxes
IP 67 / NEMA 4x
L
1 Hole
4. in (110mm)
 Holes
5.1 in (10mm)
 Holes
6.0 in (160mm)
4 Holes
7.09 in (180mm)
Nameplates
Shroud
MP-5-S
MP-5-L
MPC-KA-LD
MPC-KA-LD5
MPC-KA-LD0
Ømm
Ø5mm
Ø0mm
Water Proof Cap
MW-5P
MW-5L
for Push Buttons
MC-P
□-□
for Illuminated Push Buttons
MC-LP
□-□□
Locking Ring Wrench
MC-FP
MC-FL
for Push Buttons
MC-P
□-□
for Illuminated Push Buttons
MC-LP
□-□□
Flush Mount Adaptor
Accessories
E-Stop Acdessories
* 1 Hole Mounting ONLY.
MC-P100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com