Electronic Components Datasheet Search
  English  ▼

X  

PTE Datasheet(PDF) 9 Page - Autonics Corporation

Part # PTE
Description  TOWER & SIGNAL LIGHTS CONTROL SWITCHES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

PTE Datasheet(HTML) 9 Page - Autonics Corporation

Back Button PTE Datasheet HTML 5Page - Autonics Corporation PTE Datasheet HTML 6Page - Autonics Corporation PTE Datasheet HTML 7Page - Autonics Corporation PTE Datasheet HTML 8Page - Autonics Corporation PTE Datasheet HTML 9Page - Autonics Corporation PTE Datasheet HTML 10Page - Autonics Corporation PTE Datasheet HTML 11Page - Autonics Corporation PTE Datasheet HTML 12Page - Autonics Corporation PTE Datasheet HTML 13Page - Autonics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
TOWER LIGHTS
www.AutonicsOnline.com
1.866.86.60
9
PWE WallMountedLEDTowerLightswithBuzzer
Order Information
Specifications
Power Supply
4V AC/DC
90~40V AC
Current
Draw
1 Stack
8 mA
0 mA
 Stack
6 mA
65 mA
 Stack
10 mA
100 mA
Sound Level
85 dB
Flashing rate
80 times/minute
Rating
IP 65/ IP 56 with Buzzer
Slim Profile Wall Mount
Easy Mounted vertically and horizontally
Equivalent brightness in every angle
Steady and flashing lights
Vibration and moisture resistant
Chrome or tan colored body
•
•
•
•
•
•
Housing Color
Cream
C
Chrome
Light Style
Steady
F
Steady & Flashing
B
Steady with Buzzer
Z
Steady & Flashing
with Buzzer
Number of Stacks
1
1 Light
2
 Lights
3
 Lights
Power Supply
02
DC/AC 4V
FF
AC 90~40V
Lens Colors
(top to bottom)
R
Red
Y
Yellow
G
Green
PWE
C
F –
3
02 – RYG
 
Wire Entry Hole
Mounting Holes
LIGHT 1:
Red
LIGHT :
Yellow
LIGHT :
Violet
BUZZER:
Gray
External
Contacts
External
Contacts
LIGHT 1:
Red
LIGHT :
Yellow
LIGHT :
Violet
BUZZER:
Gray
COM: Orange
White
Black
External Contacts
Steady
External Contacts
Flashing
LIGHT 1:
Red
LIGHT :
Yellow
LIGHT :
Violet
BUZZER:
Gray
Flashing COM: Sky Blue
Steady COM: Orange
White
Black
DC/AC 24V
Steady Lights (with Buzzer)
PWE-□02-□□□ PWEB-□02-□□□
AC 90~240V
DC/AC 24V
Steady & Flashing Lights (with Buzzer)
PWEF-□02-□□□
PWEZ-□02-□□□
PWEF-□FF-□□□
AC 90~240V
Steady Lights (with Buzzer)
PWE-□FF-□□□ PWEB-□FF-□□□
Wiring Diagram
Dimensions
* No polarity for DC applications.
*Power Supply
* No polarity for DC applications.
*Power Supply
Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com