Electronic Components Datasheet Search
  English  ▼

X  

PTE Datasheet(PDF) 16 Page - Autonics Corporation

Part # PTE
Description  TOWER & SIGNAL LIGHTS CONTROL SWITCHES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

PTE Datasheet(HTML) 16 Page - Autonics Corporation

Back Button PTE Datasheet HTML 12Page - Autonics Corporation PTE Datasheet HTML 13Page - Autonics Corporation PTE Datasheet HTML 14Page - Autonics Corporation PTE Datasheet HTML 15Page - Autonics Corporation PTE Datasheet HTML 16Page - Autonics Corporation PTE Datasheet HTML 17Page - Autonics Corporation PTE Datasheet HTML 18Page - Autonics Corporation PTE Datasheet HTML 19Page - Autonics Corporation PTE Datasheet HTML 20Page - Autonics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
SIGNAL LIGHTS
16
Order Information
Optional Orders
Specifications
ML
G
F – 012 – R
Lens Colors
R
Red
Y
Yellow
G
Green
B
Blue
Power Supply
012
DC 1V
024
DC 4V
110
AC 110V
220
AC 0V
Light Style
Rotating Light
F
Flashing Light
AC 110 or 220V
Only►
S
Strobe Light
with Xenon Bulb
Mounting
G
Stud Mount
P
Pole Mount
ML Ø66mmRotating/Flashing/StrobeBeacons
Ø66
-M4 Bolt
PCD Ø40
-M4 Bolt
Stud Mount Hole Layout
unit: mm
Model
MLG/MLP
MLGF/MLPF
MLGS/MLPS
Bulb Type
Incandescent
Xenon
Power Supply
1VDC, 4VDC, 110VAC, 0VAC 110VAC, 0VAC
Current
Draw
&
Wattage
1VDC
0.7A, 8W
—
4VDC
0.A, 8W
—
110VAC
0.7A, 8W
0.A, 6W
0VAC
0.0A, 8W
0.11A, 6W
Rotation Rate
10 times/minute
—
Flashing rate
—
80 times/minute
Dimensions
MAM-DS6
MAM-DS0-BLK (Black)
MAM-DS0-BGE (Beige)
Wall Mount Brackets
NOTE: See Page 14 for Dimensions.
XENON
XENON
Replacement Parts
White
Black
FUSE
POWER
SUPPLY
EXTERNAL
CONTACT
White
Black
FUSE
EXTERNAL
CONTACT
POWER
SUPPLY
Flashing:
Blue
Light:
Red
Rotating & Strobe Lights
MLG
-□□□-□ MLGS-□□□-□
MLP
-□□□-□ MLPS-□□□-□
Flashing Lights
MLGF
-□□□-□ MLPF-□□□-□
Wiring Diagram
Bulb
MAB-T15-S-012-08
1V DC, 8 Watt
MAB-T15-S-024-08
4V DC, 8 Watt
MAB-T15-S-130-08
110V AC, 8 Watt
MAB-T15-S-240-08
0V AC, 8 Watt
Xenon Bulb
MAB-STROBE-110-06
110/0V AC, 6 Watt
Lens
LENS-MLG-(□)
Smooth Lens for Rotating Lights
LENS-MLGF/S-(□)
Prism Lens for Flashing/Strobe Lights
(□): indicates color of Lens; R, Y, G or B
Incandescent or Xenon type
Red, Yellow, Green and Blue lens available
Smooth or Prism lens
Stud or Pole mounted
Wide range of power supply
•
•
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com