Electronic Components Datasheet Search
  English  ▼

X  

PTE Datasheet(PDF) 11 Page - Autonics Corporation

Part # PTE
Description  TOWER & SIGNAL LIGHTS CONTROL SWITCHES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

PTE Datasheet(HTML) 11 Page - Autonics Corporation

Back Button PTE Datasheet HTML 7Page - Autonics Corporation PTE Datasheet HTML 8Page - Autonics Corporation PTE Datasheet HTML 9Page - Autonics Corporation PTE Datasheet HTML 10Page - Autonics Corporation PTE Datasheet HTML 11Page - Autonics Corporation PTE Datasheet HTML 12Page - Autonics Corporation PTE Datasheet HTML 13Page - Autonics Corporation PTE Datasheet HTML 14Page - Autonics Corporation PTE Datasheet HTML 15Page - Autonics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
TOWER LIGHTS
www.AutonicsOnline.com
1.866.86.60
11
Order Information
Optional Orders
Replacement Parts
MT4B
LED
LED-T09-S-12-(□)
DC 1V
LED-T09-S-24-(□)
DC 4V
BULB
MAB-T09-S-012-05
DC/AC 1V, 5W
MAB-T09-S-024-05
DC/AC 4V, 5W
MAB-T09-S-130-05
AC 110~10V, 5W
MAB-T09-S-240-05
AC 0~40V, 5W
Lens
—
MAL-4(□)
Ø45mm
MT5B
MT8B
LED
LED-T15-D-12-(□)
DC 1V
LED-T15-D-24-(□)
DC 4V
LED-T15-D-110-(□)
AC 110~10V
LED-T15-D-220-(□)
AC 0~40V
BULB
MAB-T15-D-012-10
DC/AC 1V, 10W
MAB-T15-D-024-10
DC/AC 4V, 10W
MAB-T15-D-120-10
AC 110~10V, 10W
MAB-T15-D-240-10
AC 0~40V, 10W
Lens
—
MAL-5(□)
Ø56mm
MAL-8(□)
Ø86mm
(□): indicates color of LED or Lens; R, Y, G, B or C
Lens Diameter
4
Ø45mm
5
Ø56mm
8
Ø85mm
Light Style
B
Steady
Number of Stacks
1
1 Light
2
 Lights
3
 Lights
4
4 Lights
5
5 Lights
Power Supply
D
DC/AC 1V
A
DC/AC 4V
B
AC 110~10V
C
AC 0~40V
Connection
L
Lead Wires
Lens Colors
(top to bottom)
R
Red
Y
Yellow
G
Green
B
Blue
C
Clear
MT
4
B
5
A
L –
RYGBC
    
MT4B/5B/8B Ø45mm/Ø56mm/Ø86mmSteady
Specifications
Power Supply
1V AC/DC
4V AC/DC
100-0V AC
Current
Draw
1 Stack
41 mA
7 mA
8 mA
 Stack
89 mA
57 mA
60 mA
 Stack
149 mA
95 mA
99 mA
4 Stack
04 mA
15 mA
11 mA
5 Stack
40 mA
155 mA
16 mA
Flashing rate
80 times/minute
Rating
IP 56
Symbol
Model
MT4B
MT5B
MT8B
A
9
9
9
B
185
185
185
C
7
95
108
D
45
56
86
E
10.5
15
15
1
46
68
68
2
9
16
16
3
18
04
04
4
184
7
7
5
0
40
40
unit: mm
Dimensions
Optional LED bulbs available (12VDC & 24VDC ONLY)
Long life and reliability
Prism-cut lenses for even light distribution
Surface, Pole or Wall Mounted
(Order poles & bases separately)
Wire leads or Terminal connection
NEMA 12, 3R / IP56 rated
•
•
•
•
•
•
Incandescent or LED
See
Page 13-14
for Mounting Options and Accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com