Electronic Components Datasheet Search
  English  ▼

X  

PTE Datasheet(PDF) 19 Page - Autonics Corporation

Part # PTE
Description  TOWER & SIGNAL LIGHTS CONTROL SWITCHES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

PTE Datasheet(HTML) 19 Page - Autonics Corporation

Back Button PTE Datasheet HTML 15Page - Autonics Corporation PTE Datasheet HTML 16Page - Autonics Corporation PTE Datasheet HTML 17Page - Autonics Corporation PTE Datasheet HTML 18Page - Autonics Corporation PTE Datasheet HTML 19Page - Autonics Corporation PTE Datasheet HTML 20Page - Autonics Corporation PTE Datasheet HTML 21Page - Autonics Corporation PTE Datasheet HTML 22Page - Autonics Corporation PTE Datasheet HTML 23Page - Autonics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
www.AutonicsOnline.com
1.866.86.60
19
SIGNAL LIGHTS
Order Information
Specifications
Dimensions
MSGS RotatingBeaconTowerwithAudibleAlarm
10
10
180
140
140
190
4-M6 Bolt
140
4-M6 Bolt
MSGS – 012 – 5 –
RYGBC
Lens Colors
(top to bottom)
R
Red
Y
Yellow
G
Green
B
Blue
C
Clear
Number of Stacks
1
1 Light
2
 Lights
3
 Lights
4
4 Lights
5
5 Lights
Power Supply
012
DC 1V
024
DC 4V
110
AC 110V
220
AC 0V
Model
MSGS
Bulb Type
Incandescent
Power Supply
1VDC, 4VDC, 110VAC, 0VAC
Current
Draw
&
Wattage
1VDC
.08A, 5W
4VDC
1.04A, 5W
110VAC
.08A, 5W
0VAC
.08A, 5W
Rotation Rate
150 times/minute
POWER
SUPPLY
Sound 1: Melody
Sound 2: Alarm 1
Sound 3: Alarm 2
# of
Stack
H
1
40
2
50
3
460
4
570
5
680
Stud Mount
Hole Layout
unit: mm
Optional Orders
Wiring Diagram
Terminal Connections
Incandescent type
Outstanding visibility by mag-
nified lens
Red, Yellow, Green, Blue or
Clear lens available
Large rotating reflector
Selectable audio sounds:
melody, two tone and siren
(100dB)
Stud mounted
•
•
•
•
•
•
Replacement Parts
Bulb
MAB-T15-D-012-25
1V DC, 5 Watt
MAB-T15-D-024-25
4V DC, 5 Watt
MAB-T15-D-130-25
110V AC, 5 Watt
MAB-T15-D-240-25
0V AC, 5 Watt
Lens
LENS-MSGS-(□)
Lens
(□): indicates color of Lens; R, Y, G, B or C
*
CAUTION: Do not operate more than one light at a time. It can cause
over heat on transformers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com