Electronic Components Datasheet Search
  English  ▼

X  

PTE Datasheet(PDF) 12 Page - Autonics Corporation

Part # PTE
Description  TOWER & SIGNAL LIGHTS CONTROL SWITCHES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

PTE Datasheet(HTML) 12 Page - Autonics Corporation

Back Button PTE Datasheet HTML 8Page - Autonics Corporation PTE Datasheet HTML 9Page - Autonics Corporation PTE Datasheet HTML 10Page - Autonics Corporation PTE Datasheet HTML 11Page - Autonics Corporation PTE Datasheet HTML 12Page - Autonics Corporation PTE Datasheet HTML 13Page - Autonics Corporation PTE Datasheet HTML 14Page - Autonics Corporation PTE Datasheet HTML 15Page - Autonics Corporation PTE Datasheet HTML 16Page - Autonics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
1
1
2
3
LIGHT 1:
Red
LIGHT :
Yellow
LIGHT :
Violet
LIGHT 4:
Blue
LIGHT 5:
Pink
External
Contacts
Power Supply (+)
Power Supply (-)
COM
LIGHT 1
LIGHT 
LIGHT 
LIGHT 4
LIGHT 5
BUZZER
Terminal
Diagram
Power Supply
Power Supply (COM)
LIGHT 1
LIGHT 
LIGHT 
LIGHT 4
LIGHT 5
BUZZER
Terminal
Diagram
1
2
3
LIGHT 1:
Red
LIGHT :
Yellow
LIGHT :
Violet
LIGHT 4:
Blue
LIGHT 5:
Pink
BUZZER:
Brown
COM: Orange
External
Contacts
Note: Terminal Numbers
Steady/Flashing Selection
1
2
3
LIGHT 1:
Red
LIGHT :
Yellow
LIGHT :
Violet
LIGHT 4:
Blue
LIGHT 5:
Pink
BUZZER:
Brown
External
Contacts
Power Supply
Note: Terminal Numbers
MT5C/8C & MT4B/5B/8B Wiring Diagram
DC/AC 24V
Steady or Flashing (with Buzzer)
MT5C□AL-□□□□□ MT8C□AL-□□□□□
MT5C□AT-□□□□□ MT8C□AT-□□□□□
AC 110~120V
AC 220~240V
Steady or Flashing Lights (with Buzzer)
MT5C□BL-□□□□□ MT8C□BL-□□□□□
MT5C□BT-□□□□□ MT8C□BT-□□□□□
MT5C□CL-□□□□□ MT8C□CL-□□□□□
MT5C□CT-□□□□□ MT8C□CT-□□□□□
MT5C/8C
MT4B/5B/8B
PCB Assembly
LIGHT 1: Steady
LIGHT 5: Flashing
LIGHT 4: Steady
LIGHT 3: Flashing
LIGHT 2: Steady
Steady
Flashing
Example:
* No polarity for DC applications.
*Power Supply
* No polarity for DC applications.
*Power Supply
AC/DC 12V
AC/DC 24V
Steady Lights
AC 110~120V
AC 220~240V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com