Electronic Components Datasheet Search
  English  ▼

X  

PTE Datasheet(PDF) 8 Page - Autonics Corporation

Part # PTE
Description  TOWER & SIGNAL LIGHTS CONTROL SWITCHES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

PTE Datasheet(HTML) 8 Page - Autonics Corporation

Back Button PTE Datasheet HTML 4Page - Autonics Corporation PTE Datasheet HTML 5Page - Autonics Corporation PTE Datasheet HTML 6Page - Autonics Corporation PTE Datasheet HTML 7Page - Autonics Corporation PTE Datasheet HTML 8Page - Autonics Corporation PTE Datasheet HTML 9Page - Autonics Corporation PTE Datasheet HTML 10Page - Autonics Corporation PTE Datasheet HTML 11Page - Autonics Corporation PTE Datasheet HTML 12Page - Autonics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
PRE / PME / PAE Wiring Diagram
DC/AC 12V
1
2
3
LIGHT 1:
Red
LIGHT :
Yellow
LIGHT :
Violet
LIGHT 4:
Blue
LIGHT 5:
Pink
BUZZER:
Gray
(
PRE Only)
External
Contacts
1
2
3
LIGHT 1:
Red
LIGHT :
Yellow
LIGHT :
Violet
LIGHT 4:
Blue
LIGHT 5:
Pink
BUZZER:
Gray
(
PRE Only)
External
Contacts
DC/AC 24V
1
2
3
LIGHT 1:
Red
LIGHT :
Yellow
LIGHT :
Violet
LIGHT 4:
Blue
LIGHT 5:
Pink
BUZZER:
Gray
(
PRE Only)
COM: Orange
External
Contacts
Power Supply
AC 110V
AC 220V
AC 90~240V
Steady Lights
Steady & Flashing Lights
DC/AC 12V
DC/AC 24V
AC 110V
AC 220V
AC 90~240V
PRE-□01-□□□□□
PME-□01-□□□□□
PAE-□01-□□□□□
PREF-□01-□□□□□
PMEF-□01-□□□□□
PAEF-□01-□□□□□
PRE-□02-□□□□□
PME-□02-□□□□□
PAE-□02-□□□□□
PREF-□02-□□□□□
PMEF-□02-□□□□□
PAEF-□02-□□□□□
PRE-□10-□□□□□
PRE-□20-□□□□□
PME-□FF-□□□□□
PREF-□10-□□□□□
PREF-□20-□□□□□
PMEF-□FF-□□□□□
1
2
3
LIGHT 1:
Red
LIGHT :
Yellow
LIGHT :
Violet
LIGHT 4:
Blue
LIGHT 5:
Pink
BUZZER:
Gray
(
PRE Only)
Flashing
COM: Sky Blue
Steady
COM: Orange
External Contacts
Steady
External
Contacts
Flashing
1
2
3
LIGHT 1:
Red
LIGHT :
Yellow
LIGHT :
Violet
LIGHT 4:
Blue
LIGHT 5:
Pink
BUZZER:
Gray
(
PRE Only)
Flashing
COM: Sky Blue
Steady
COM: Orange
External Contacts
Steady
External
Contacts
Flashing
1
2
3
LIGHT 1:
Red
LIGHT :
Yellow
LIGHT :
Violet
LIGHT 4:
Blue
LIGHT 5:
Pink
BUZZER:
Gray
(
PRE Only)
Flashing
COM: Sky Blue
Steady
COM: Orange
External Contacts
Steady
External
Contacts
Flashing
Power Supply
* No polarity for DC applications.
*Power Supply
* No polarity for DC applications.
*Power Supply
* No polarity for DC applications.
*Power Supply
* No polarity for DC applications.
*Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com