Electronic Components Datasheet Search
  English  ▼

X  

LM96080 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM96080
Description  LM96080 System Hardware Monitor with 2-Wire Serial Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM96080 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM96080 Datasheet HTML 17Page - Texas Instruments LM96080 Datasheet HTML 18Page - Texas Instruments LM96080 Datasheet HTML 19Page - Texas Instruments LM96080 Datasheet HTML 20Page - Texas Instruments LM96080 Datasheet HTML 21Page - Texas Instruments LM96080 Datasheet HTML 22Page - Texas Instruments LM96080 Datasheet HTML 23Page - Texas Instruments LM96080 Datasheet HTML 24Page - Texas Instruments LM96080 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
LM96080
www.ti.com
SNAS465D – SEPTEMBER 2009 – REVISED MARCH 2013
When using a single byte read, the 8 MSbs of the Temperature reading can be found at Value RAM (address
27h). The remainder of the Temperature reading can be found in the OS Configuration/Temperature Resolution
Register (address 06h), bits 4-7. In 9-bit format, bit 7 is the only valid bit. In addition, all 9 or 12 bits can be read
using a double byte read at register address 27h.
Temperature Interrupts
There are four Value RAM WATCHDOG limits for the Temperature reading that affect the INT and OS outputs of
the LM96080. They are: Thot, Thot hyst, Tos , and Tos hyst Limit Registers (addresses 38h - 3Bh). There are three
interrupt modes of operation: “Default Interrupt” mode, “One-Time Interrupt” mode, and “Comparator Mode”. The
OS output of the LM96080 can be programmed for “One-Time Interrupt” mode and “Comparator” mode. INT can
be programmed for “Default Interrupt” mode and “One-Time” Interrupt. These modes are explained below and
shown in Figure 21.
“Default Interrupt mode” operates in the following way: Exceeding Thot causes an Interrupt that will remain
active indefinitely until reset by reading Interrupt Status Register 1 (address 01h) or cleared by the INT_Clear bit
in the Configuration register (address 00h, bit 3). Once an Interrupt event has occurred by crossing Thot, then
reset, an Interrupt will occur again once the next temperature conversion has completed. The interrupts will
continue to occur in this manner until the temperature goes below Thot hyst, at which time the Interrupt output will
automatically clear.
“One-Time Interrupt” mode operates in the following way: Exceeding Thot causes an Interrupt that will remain
active indefinitely until reset by reading Interrupt Status Register 1 or cleared by the INT_Clear bit in the
Configuration register. Once an Interrupt event has occurred by crossing Thot, then reset, an Interrupt will not
occur again until the temperature goes below Thot hyst.
“Comparator” mode operates in the following way: Exceeding Tos causes the OS output to go Low (default).
OS will remain Low until the temperature goes below Tos hyst. Once the temperature goes below Tos hyst, OS will
go high.
A.
This diagram does not reflect all the possible variations in the operation of the OS and INT outputs nor the OS and
Hot Temp bits. The interrupt outputs are cleared by reading the appropriate Interrupt Status Registers (addresses 01h
- 02h).
Figure 21. Temperature Interrupt Response Diagram
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM96080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com