Electronic Components Datasheet Search
  English  ▼

X  

LM96080 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM96080
Description  LM96080 System Hardware Monitor with 2-Wire Serial Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM96080 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM96080 Datasheet HTML 4Page - Texas Instruments LM96080 Datasheet HTML 5Page - Texas Instruments LM96080 Datasheet HTML 6Page - Texas Instruments LM96080 Datasheet HTML 7Page - Texas Instruments LM96080 Datasheet HTML 8Page - Texas Instruments LM96080 Datasheet HTML 9Page - Texas Instruments LM96080 Datasheet HTML 10Page - Texas Instruments LM96080 Datasheet HTML 11Page - Texas Instruments LM96080 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LM96080
SNAS465D – SEPTEMBER 2009 – REVISED MARCH 2013
www.ti.com
DC Electrical Characteristics (continued)
The following specifications apply for +3.0 VDC ≤ V
+ ≤ +5.5 V
DC , IN0-IN6, RS = 25Ω, unless otherwise specified. Boldface
limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C.
(1)
Typical(2)
Limits(3)
Units
Symbol
Parameter
Conditions
(Limits)
OPEN DRAIN OUTPUTS: GPO, RST_OUT / OS, GPI (CI)
VOUT(0)
Logical “0” Output Voltage
IOUT = +5.0 mA at V
+ = +4.5V,
0.4
V (min)
IOUT = +3.0 mA at V
+ = +3.0V
IOH
High Level Output Current
VOUT = V
+
0.005
1
μA (max)
RST_OUT/OS, GPI (CI) Pulse Width
22.5
10
ms (min)
OPEN DRAIN SERIAL BUS OUTPUT: SDA
VOUT(0)
Logical “0” Output Voltage
IOUT = +3.0 mA at V
+ = +3.0V
0.4
V (min)
IOH
High Level Output Current
VOUT = V
+
0.005
1
μA (max)
DIGITAL INPUTS: A0/NTEST_Out, A1-A2, BTI, GPI (Chassis Intrusion), INT_IN, and NTEST_IN / Reset_IN
VIN(1)
Logical “1” Input Voltage
2.0
V (min)
VIN(0)
Logical “0” Input Voltage
0.8
V (max)
VHYST
Hysteresis Voltage
V+ = +3.3V
0.23
V
V+ = +5.5V
0.33
V
SERIAL BUS INPUTS (SCL, SDA)
VIN(1)
Logical “1” Input Voltage
0.7 × V+
V (min)
VIN(0)
Logical “0” Input Voltage
0.3 × V+
V (max)
VHYST
Hysteresis Voltage
V+ = +3.3V
0.67
V
V+ = +5.5V
1.45
V
FAN TACH PULSE INPUTS (FAN1, FAN2)
VIN(1)
Logical “1” Input Voltage
0.7 × V+
V (min)
VIN(0)
Logical “0” Input Voltage
0.3 × V+
V (max)
VHYST
Hysteresis Voltage
V+ = +3.3V
0.35
V
V+ = +5.5V
0.5
V
ALL DIGITAL INPUTS Except for BTI
IIN(1)
Logical “1” Input Current
VIN = V
+
−0.005
−1
μA (min)
IIN(0)
Logical “0” Input Current
VIN = 0 VDC
0.005
1
μA (max)
CIN
Digital Input Capacitance
20
pF
BTI Digital Input
IIN(1)
Logical “1” Input Current
VIN = V
+
−1
−10
μA (min)
IIN(0)
Logical “0” Input Current
VIN = 0 VDC, V
+= +5.5 V
1
2
mA
CIN
Digital Input Capacitance
20
pF
8
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM96080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com