Electronic Components Datasheet Search
  English  ▼

X  

LM96080 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM96080
Description  LM96080 System Hardware Monitor with 2-Wire Serial Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM96080 Datasheet(HTML) 4 Page - Texas Instruments

  LM96080 Datasheet HTML 1Page - Texas Instruments LM96080 Datasheet HTML 2Page - Texas Instruments LM96080 Datasheet HTML 3Page - Texas Instruments LM96080 Datasheet HTML 4Page - Texas Instruments LM96080 Datasheet HTML 5Page - Texas Instruments LM96080 Datasheet HTML 6Page - Texas Instruments LM96080 Datasheet HTML 7Page - Texas Instruments LM96080 Datasheet HTML 8Page - Texas Instruments LM96080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LM96080
SNAS465D – SEPTEMBER 2009 – REVISED MARCH 2013
www.ti.com
PIN DESCRIPTIONS (continued)
Pin
Pin
ESD
Type
Description
Number
Name(s)
Structure
An active-low input that enables NAND Tree board-level
NTEST_IN/
12
Digital Input
connectivity testing. Whenever NAND Tree connectivity is
RESET_IN
enabled, the LM96080 resets to its power on state.
This pin is an NMOS open drain output. RST_OUT
RST_OUT/O
13
Digital Output
provides a master reset to devices connected to this line.
S
OS is dedicated to the temperature reading WATCHDOG.
Internally connected to all analog circuitry. The ground
reference for all analog inputs. This pin needs to be taken
14
GNDA
GROUND
to a low noise analog ground plane for optimum
performance.
15-21
IN6-IN0
Analog Inputs
0V to 2.56V full scale range Analog Inputs.
A0/NTEST_O
The lowest order bit of the Serial Bus Address. This pin
22
Digital I/O
UT
also functions as an output when doing a NAND Tree test.
23-24
A1-A2
Digital Inputs
The two highest order bits of the Serial Bus Address.
4
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM96080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com