| Electronic Components Datasheet Search |
|
LM96080 Datasheet(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM96080 Datasheet(HTML) 13 Page - Texas Instruments |
|
13 / 36 page ![]() D7 D6 D5 D4 D3 D2 D1 D0 1 9 1 9 Ack by Slave Start by Master R/W Ack by Slave Frame 1 Serial Bus Address Byte from Master Frame 2 Internal Address Register Byte from Master D7 D6 D5 D4 D3 D2 D1 D0 1 9 1 9 Ack by Slave No Ack by Master Stop by Master 1 9 D15 D14 D13 D12 D11 D10 D9 D8 Ack by Master Frame 3 Serial Bus Address Byte from Master Frame 4 Data Byte from Slave Frame 5 Data Byte from Slave R/W A2 A0 A1 A3 A4 A5 A6 Repeat Start by Master A2 A0 A1 A3 A4 A5 A6 SCL SDA SCL (continued) SDA (continued) D7 D6 D5 D4 D3 D2 D1 D0 1 9 1 9 Ack by Slave Start by Master R/W Ack by Slave Frame 1 Serial Bus Address Byte from Master Frame 2 Internal Address Register Byte from Master D7 D6 D5 D4 D3 D2 D1 D0 1 9 Ack by Slave No Ack by Master Stop by Master 1 9 Frame 3 Serial Bus Address Byte from Master Frame 4 Data Byte from Slave R/W A2 A0 A1 A3 A4 A5 A6 Repeat Start by Master A2 A0 A1 A3 A4 A5 A6 SCL SDA SCL (continued) SDA (continued) D7 D6 D5 D4 D3 D2 D1 D0 1 9 1 9 Ack by Slave Start by Master No Ack by Master SCL SDA Stop by Master 1 9 D15 D14 D13 D12 D11 D10 D9 D8 Ack by Master Frame 1 Serial Bus Address Byte from Master Frame 2 Data Byte from Slave Frame 3 Data Byte from Slave R/W A2 A0 A1 A3 A4 A5 A6 D7 D6 D5 D4 D3 D2 D1 D0 1 9 Ack by Slave Start by Master No Ack by Master SCL SDA Stop by Master 1 9 Frame 1 Serial Bus Address Byte from Master Frame 2 Data Byte from Slave R/W A2 A0 A1 A3 A4 A5 A6 LM96080 www.ti.com SNAS465D – SEPTEMBER 2009 – REVISED MARCH 2013 Figure 10. Single Byte Read from Register with Preset Internal Address Register Figure 11. Double Byte Read from Register with Preset Internal Address Register Figure 12. Single Byte Read from Register with Internal Address Set using a Repeat Start Figure 13. Double Byte Read from Register with Internal Address Set using a Repeat Start The Serial Bus control lines include the SDA (serial data), SCL (serial clock), and A0-A2 (address) pins. The LM96080 can only operate as a slave. The SCL line only controls the serial interface, all other clock functions within LM96080 such as the ADC and fan counters are done with a separate asynchronous internal clock. Copyright © 2009–2013, Texas Instruments Incorporated Submit Documentation Feedback 13 Product Folder Links: LM96080 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |