Electronic Components Datasheet Search
  English  ▼

X  

LM96080 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM96080
Description  LM96080 System Hardware Monitor with 2-Wire Serial Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM96080 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM96080 Datasheet HTML 8Page - Texas Instruments LM96080 Datasheet HTML 9Page - Texas Instruments LM96080 Datasheet HTML 10Page - Texas Instruments LM96080 Datasheet HTML 11Page - Texas Instruments LM96080 Datasheet HTML 12Page - Texas Instruments LM96080 Datasheet HTML 13Page - Texas Instruments LM96080 Datasheet HTML 14Page - Texas Instruments LM96080 Datasheet HTML 15Page - Texas Instruments LM96080 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
D7
D6
D5
D4
D3
D2
D1
D0
1
9
1
9
Ack
by
Slave
Start by
Master
R/W
Ack
by
Slave
Frame 1
Serial Bus Address Byte
from Master
Frame 2
Internal Address Register
Byte from Master
1
9
Ack
by
Slave
Frame 3
Data Byte
D3
D1
D2
D4
D5
D6
D7
A2
A0
A1
A3
A4
A5
A6
SCL
SDA
SCL
(continued)
SDA
(continued)
Stop by
Master
D0
D7
D6
D5
D4
D3
D2
D1
D0
1
9
1
9
Ack
by
Slave
Start by
Master
R/W
Ack
by
Slave
Frame 1
Serial Bus Address Byte
from Master
Frame 2
Internal Address Register
Byte from Master
A2
A0
A1
A3
A4
A5
A6
SCL
SDA
Stop by
Master
LM96080
SNAS465D – SEPTEMBER 2009 – REVISED MARCH 2013
www.ti.com
INTERFACE
Internal Registers of the LM96080
Table 1. The internal registers and their corresponding internal LM96080 address are as follows:
Register
LM96080 Internal
Power on Value
Notes
Address (Hex)
(Binary)
Configuration Register
00h
0000 1000
Interrupt Status Register 1
01h
0000 0000
Interrupt Status Register 2
02h
0000 0000
Interrupt Mask Register 1
03h
0000 0000
Interrupt Mask Register 2
04h
0000 0000
Fan Divisor/RST_OUT/OS Register
05h
0001 0100
FAN1 and FAN2 divisor = 2 (count of 153
= 4400 RPM)
OS/ Configuration/ Temperature Resolution
06h
0000 0001
Register
Conversion Rate Register
07h
0000 0000
Voltage/Temperature Channel Disable
08h
0000 0000
Allows voltage monitoring inputs to be
Register
disabled
Value RAM
20h - 29h
Indeterminate
Input and FAN readings
Value RAM
2Ah - 3Dh
Indeterminate
Limit Registers
Value RAM
3Eh
0000 0001
Manufacturer's ID
Value RAM
3Fh
0000 1000
Stepping/Die Revision ID
Serial Bus Interface/Serial Bus Timings
Figure 8. Internal Address Register Set Only
Figure 9. Internal Address Register Set with Data Byte Write
12
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM96080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com